công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5544GCX-75.0M-T250 bảng dữ liệu(PDF) 1 Page - Pletronics, Inc.

tên linh kiện SM5544GCX-75.0M-T250
Giải thích chi tiết về linh kiện  SM55G Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PLETRONICS [Pletronics, Inc.]
Trang chủ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544GCX-75.0M-T250 bảng dữ liệu(HTML) 1 Page - Pletronics, Inc.

  SM5544GCX-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544GCX-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2010, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM55G Series 1.8 V
CMOS Clock Oscillators
April 2010
• Pletronics’ SM55 Series is a quartz crystal
controlled precision square wave generator with a
CMOS output.
• The package is designed for high density surface
mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 0.8 to 165 MHz
• 3.2 x 5 mm LCC Ceramic Package
• Enable/Disable Function
• Disable function includes low standby power
mode
• Low Jitter
• Optimized for fastest Trise & Tfall
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.064 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Io
Output Current
+25 mA to -25 mA
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 30 to 50
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Số phần tương tự - SM5544GCX-75.0M-T250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pletronics, Inc.
SM5544GCV-75.0M-T1K PLETRONICS-SM5544GCV-75.0M-T1K Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5544GCV-75.0M-T250 PLETRONICS-SM5544GCV-75.0M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5544GCV-75.0M-T500 PLETRONICS-SM5544GCV-75.0M-T500 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
More results

Mô tả tương tự - SM5544GCX-75.0M-T250

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pletronics, Inc.
SM5545GV-750M-T250 PLETRONICS-SM5545GV-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5545GW-750M-T250 PLETRONICS-SM5545GW-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com