công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA76629D3 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện HUFA76629D3
Giải thích chi tiết về linh kiện  20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76629D3 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  HUFA76629D3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76629D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76629D3, HUFA76629D3S Rev. B
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.4
0.8
1.0
1.4
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.6
160
1.2
0.9
1.0
1.1
1.2
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
160
160
10
100
1000
3000
0.1
1.0
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
0
2
4
6
8
10
010
20
30
40
VDD = 50V
Qg, GATE CHARGE (nC)
ID = 20A
ID = 10A
WAVEFORMS IN
DESCENDING ORDER:
50
100
250
0
102030
40
50
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 50V, ID = 20A
tr
tf
td(ON)
td(OFF)
150
200
100
200
300
0
1020
30
4050
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 50V, ID = 20A
td(OFF)
tr
td(ON)
tf
50
150
250
HUFA76629D3, HUFA76629D3S


Số phần tương tự - HUFA76629D3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
VBsemi Electronics Co.,...
HUFA76609D3 VBSEMI-HUFA76609D3 Datasheet
1Mb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
HUFA76609D3S FAIRCHILD-HUFA76609D3S Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76619D3 FAIRCHILD-HUFA76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76619D3S FAIRCHILD-HUFA76619D3S Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Mô tả tương tự - HUFA76629D3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76429D3 FAIRCHILD-HUF76429D3 Datasheet
200Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76423D3 INTERSIL-HUF76423D3 Datasheet
127Kb / 9P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76429D3 INTERSIL-HUF76429D3 Datasheet
332Kb / 9P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com