công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA76439P3 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện HUFA76439P3
Giải thích chi tiết về linh kiện  71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76439P3 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  HUFA76439P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76439P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA76439P3, HUFA76439S3S Rev. B1
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
60
-
-
V
ID = 250µA, VGS = 0V , TC = -40
oC (Figure 12)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 55V, VGS = 0V
-
-
1
µA
VDS = 50V, VGS = 0V, TC = 150
oC-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 75A, VGS = 10V (Figures 9, 10)
-
0.010
0.012
ID = 71A, VGS = 5V (Figure 9)
-
0.0117
0.014
ID = 68A, VGS = 4.5V (Figure 9)
-
0.0125
0.015
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-220AB and TO-263AB
-
-
0.96
oC/W
Thermal Resistance Junction to
Ambient
RθJA
--
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 30V, ID = 50A
VGS = 4.5V, RGS = 3.9Ω
(Figures 15, 21, 22)
--
470
ns
Turn-On Delay Time
td(ON)
-16
-
ns
Rise Time
tr
-300
-
ns
Turn-Off Delay Time
td(OFF)
-29
-
ns
Fall Time
tf
-105
-
ns
Turn-Off Time
tOFF
--
200
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID = 75A
VGS = 10V,
RGS = 3.9Ω
(Figures 16, 21, 22)
--
205
ns
Turn-On Delay Time
td(ON)
-11
-
ns
Rise Time
tr
-125
-
ns
Turn-Off Delay Time
td(OFF)
-45
-
ns
Fall Time
tf
-125
-
ns
Turn-Off Time
tOFF
--
255
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V,
ID = 50A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-70
84
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
38
45
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
2.5
3
nC
Gate to Source Gate Charge
Qgs
-8
-
nC
Gate to Drain “Miller” Charge
Qgd
-19
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-2745
-
pF
Output Capacitance
COSS
-840
-
pF
Reverse Transfer Capacitance
CRSS
-145
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 54A
-
-
1.25
V
ISD = 27A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 54A, dISD/dt = 100A/µs-
-
72
ns
Reverse Recovered Charge
QRR
ISD = 54A, dISD/dt = 100A/µs-
-
140
nC
HUFA76439P3, HUFA76439S3S


Số phần tương tự - HUFA76439P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76432S3S FAIRCHILD-HUFA76432S3S Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437P3 FAIRCHILD-HUFA76437P3 Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76437S3S FAIRCHILD-HUFA76437S3S Datasheet
215Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Mô tả tương tự - HUFA76439P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUF76439P3 FAIRCHILD-HUF76439P3 Datasheet
210Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76439P3 INTERSIL-HUF76439P3 Datasheet
334Kb / 9P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76407D3 FAIRCHILD-HUF76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76409P3 FAIRCHILD-HUF76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76409P3 FAIRCHILD-HUFA76409P3 Datasheet
207Kb / 10P
   17A, 60V, 0.070 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76407P3 FAIRCHILD-HUF76407P3 Datasheet
209Kb / 10P
   12A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76445P3 FAIRCHILD-HUF76445P3 Datasheet
209Kb / 10P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76443P3 FAIRCHILD-HUFA76443P3 Datasheet
213Kb / 10P
   75A, 60V, 0.0095 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com