công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78M15CH bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM78M15CH
Giải thích chi tiết về linh kiện  3-Terminal Positive Voltage Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM78M15CH bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM78M15CH Datasheet HTML 1Page - Texas Instruments LM78M15CH Datasheet HTML 2Page - Texas Instruments LM78M15CH Datasheet HTML 3Page - Texas Instruments LM78M15CH Datasheet HTML 4Page - Texas Instruments LM78M15CH Datasheet HTML 5Page - Texas Instruments LM78M15CH Datasheet HTML 6Page - Texas Instruments LM78M15CH Datasheet HTML 7Page - Texas Instruments LM78M15CH Datasheet HTML 8Page - Texas Instruments LM78M15CH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the −40˚C to +125˚C operating temperature
range. Limits are guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC)
methods. (Continued)
LM341-12, LM78M12C
Unless otherwise specified: V
IN = 19V, CIN = 0.33 µF, CO = 0.1 µF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
I
L= 500 mA
11.5
12
12.5
V
5mA
≤ I
L
≤ 500 mA
11.4
12
12.6
P
D
≤ 7.5W, 14.8V ≤ V
IN
≤ 27V
V
R LINE
Line Regulation
14.5V
≤ V
IN
≤ 30V
I
L = 100 mA
120
mV
I
L = 500 mA
240
V
R LOAD
Load Regulation
5 mA
≤ I
L
≤ 500 mA
240
I
Q
Quiescent Current
I
L = 500 mA
4
10.0
mA
∆I
Q
Quiescent Current Change
5 mA
≤ I
L
≤ 500 mA
0.5
14.8V
≤ V
IN
≤ 30V, I
L = 500 mA
1.0
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
75
µV
Ripple Rejection
f = 120 Hz, I
L = 500 mA
71
dB
V
IN
Input Voltage Required
I
L = 500 mA
14.5
V
to Maintain Line Regulation
∆V
O
Long Term Stability
I
L = 500 mA
48
mV/khrs
LM341-15, LM78M15C
Unless otherwise specified: V
IN = 23V, CIN = 0.33 µF, CO = 0.1 µF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
O
Output Voltage
I
L= 500 mA
14.4
15
15.6
V
5mA
≤ I
L
≤ 500 mA
14.25
15
15.75
P
D
≤ 7.5W, 18V ≤ V
IN
≤ 30V
V
R LINE
Line Regulation
17.6V
≤ V
IN
≤ 30V
I
L = 100 mA
150
mV
I
L = 500 mA
300
V
R LOAD
Load Regulation
5 mA
≤ I
L
≤ 500 mA
300
I
Q
Quiescent Current
I
L = 500 mA
4
10.0
mA
∆I
Q
Quiescent Current Change
5 mA
≤ I
L
≤ 500 mA
0.5
18V
≤ V
IN
≤ 30V, I
L = 500 mA
1.0
V
n
Output Noise Voltage
f = 10 Hz to 100 kHz
90
µV
Ripple Rejection
f = 120 Hz, I
L = 500 mA
69
dB
V
IN
Input Voltage Required
I
L = 500 mA
17.6
V
to Maintain Line Regulation
∆V
O
Long Term Stability
I
L = 500 mA
60
mV/khrs
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The typical thermal resistance of the three package types is:
T (TO-220) package:
θ(JA) = 60 ˚C/W, θ(JC) = 5 ˚C/W
H (TO-39) package:
θ(JA) = 120 ˚C/W, θ(JC) = 18 ˚C/W
DT (TO-252) package:
θ(JA) = 92 ˚C/W, θ(JC) = 10 ˚C/W
www.national.com
3


Số phần tương tự - LM78M15CH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM78M15CH NSC-LM78M15CH Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
LM78M15CH NSC-LM78M15CH Datasheet
240Kb / 7P
   3-Terminal Positive Voltage Regulators
More results

Mô tả tương tự - LM78M15CH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com