công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB1AHF-T-12V bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện CB1AHF-T-12V
Giải thích chi tiết về linh kiện  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1AHF-T-12V bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  CB1AHF-T-12V Datasheet HTML 1Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 2Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 3Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 4Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 5Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 6Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 7Page - Panasonic Semiconductor CB1AHF-T-12V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
2. Specifications
1) Standard type (12 V coil voltage)
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient
condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS.
2) Standard type (24 V coil voltage)
Note: All other specifications are the same as those of standard type (12 V coil voltage)
3) Heat resistant type (12 V and 24 V coil voltage)
Notes: 1. All other specifications are the same as those of standard type (12 V coil voltage)
2. *Current value in which carry current is possible when the coil temperature is 180
°C 356°F
Characteristics
Item
Specification
Contact
Arrangement
1 Form A
1 Form C
High contact capacity
(1 Form A)
Contact resistance (Initial)
Typ2m
Ω (By voltage drop 6 V DC 1 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (Initial)
40A 14V DC
N.O.: 40A 14V DC
N.C.: 30A 14V DC
70A 14V DC (at 20
°C 68°F)
50A 14V DC (at 85
°C 185°F)
Max. carrying current (Initial)
(14V DC, at 85
°C 185°F, continuous)
N.O.: 40A
N.O.: 40A, N.C.: 30A
N.O.: 40A
Nominal operating power
1.4W
1.4W
1.8W (1.4W: PC board type)
Min. switching capacity (resistive load)*1
1A 14V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 20 M
Ω (at 500V DC, Measurement at same location as “Breakdown voltage” section.)
Breakdown
voltage (Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at nominal coil voltage)
(at 20
°C 68°F)
Max. 15ms (excluding contact bounce time) (Initial)
Release time (at nominal coil voltage)
(at 20
°C 68°F)
Max. 15ms (excluding contact bounce time) (Initial)
Mechanical
characteristics
Shock resistance
Functional
Min. 200 m/s2 {20G}
Destructive
Min. 1,000 m/s2 {100G}
Vibration
resistance
Functional
10 Hz to 500 Hz, Min. 44.1m/s2 {4.5G}
Destructive
10 Hz to 2,000 Hz, Min. 44.1m/s2 {4.5G} Time of vibration for each direction; X. Y. Z direction: 4 hours
Expected life
Electrical (at nominal switching capacity)
Flux-resistant type: Min. 105, Sealed type: Min. 5
×104 (Operating frequency: 2s ON, 2s OFF)
Mechanical
Min. 106 (at 120 cpm)
Conditions
Conditions for operation, transport and
storage*2
Standard type; Ambient temperature: –40 to +85
°C –40 to +185°F,
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Heat resistant type; Ambient temperature: –40 to +125
°C –40 to +257°F,
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
15 cpm (at nominal switching capacity)
Mass
Approx. 33 g 1.16 oz
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A
1 Form C
High contact capacity
(1 Form A)
Contact resistance (Initial)
Max. 15m
Ω (By voltage drop 6 V DC 1 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity (Initial)
20A 28V DC
N.O.: 20A 28V DC
N.C.: 10A 28V DC
20A 28V DC
Max. carrying current (Initial)
(28V DC, at 85
°C 185°F, continuous)
20A
N.O.: 20A, N.C.: 10A
20A
Nominal operating power
1.8W
1.8W
1.8W, 1.4W (PC board type)
Characteristics
Item
Specifications
12V
24V
Contact
Arrangement
1 Form A
1 Form C
High contact
capacity
(1 Form A)
1 Form A
1 Form C
High contact
capacity
(1 Form A)
Contact resistance (Initial)
Max. 15m
Ω (By voltage drop 6 V DC 1 A)
Contact material
Ag alloy (Cadmium free)
Rating
Nominal switching capacity
(Initial)
40A 14V DC
N.O.: 40A 14V DC
N.C.: 30A 14V DC
40A 14V DC
20A 28V DC
N.O.: 20A 28V DC
N.C.: 10A 28V DC
20A 28V DC
Max. carrying current (Initial)
(at 85
°C 185°F, continuous)*
50A 14V DC
N.O.: 50A 14V DC
N.C.: 30A 14V DC
45A
14V DC
50A
14V DC
25A 28V DC
N.O.: 25A 28V DC
N.C.: 10A 28V DC
25A 28V DC
Nominal operating power
1.4W
1.4W
1.8W
1.4W
(PC
board
type)
1.8W
1.8W
1.8W,
1.4W
(PC board type)


Số phần tương tự - CB1AHF-T-12V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
CB1AHF-T-12V NAIS-CB1AHF-T-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1AHF-T-12V PANASONIC-CB1AHF-T-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

Mô tả tương tự - CB1AHF-T-12V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com