công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CB1-T-M-24V bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor |
|
CB1-T-M-24V bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor |
1 / 8 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ CB ASCTB220E 201208-T ORDERING INFORMATION MINI-ISO AUTOMOTIVE RELAY CB RELAYS RoHS compliant FEATURES • This relay has an Mini-ISO (International Organization for Standardization) terminal arrangement. • Relay is compact and high capacity (40 A). Compact form factor realized with space saving 22 × 26 mm .866 × 1.024 inch small base area thanks to integrated bobbin and base construction. Features high switching capacity of 40 A • Features high thermal resistance of 125 °C 257°F (heat resistant type). Heat resistant type is available that can withstand use near engines. (40 A switching capacity) • Built-in resistor type is also available. TYPICAL APPLICATIONS • Automobiles Headlights, Cell motors, Air conditioners, ABS, EPS, etc. • Construction equipment • Agricultural equipment, Conveyor, etc. Contact arrangement 1a: 1: 1 Form A 1 Form C CB Protective construction Nil: F: Sealed type Flux-resistant type Heat resistant of types Nil: T: Standard type Heat resistant type Mounting classification Nil: P: M: Coil voltage (DC) 12V, 24 V Plug-in type PC board type Bracket type Protective element Nil: R: None with resistor inside Contact rating Nil: H: Standard type High contact capacity type |
Số phần tương tự - CB1-T-M-24V |
|
Mô tả tương tự - CB1-T-M-24V |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |