công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA1BFS-12V-N-5 bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor

tên linh kiện CA1BFS-12V-N-5
Giải thích chi tiết về linh kiện  AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CA1BFS-12V-N-5 bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor

  CA1BFS-12V-N-5 Datasheet HTML 1Page - Panasonic Semiconductor CA1BFS-12V-N-5 Datasheet HTML 2Page - Panasonic Semiconductor CA1BFS-12V-N-5 Datasheet HTML 3Page - Panasonic Semiconductor CA1BFS-12V-N-5 Datasheet HTML 4Page - Panasonic Semiconductor CA1BFS-12V-N-5 Datasheet HTML 5Page - Panasonic Semiconductor CA1BFS-12V-N-5 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CA
ASCTB219E 201203-T1
ORDERING INFORMATION
AUTOMOTIVE POWER
RELAYS — SMALL SIZE,
LIGHT WEIGHT
CA RELAYS
RoHS compliant
FEATURES
• Small size and light weight
For space saving, the outside dimensions
of the main body are reduced to be 21.5
mm (length)
× 14.4 mm (width) × 37 mm
(height) (.846
× .567 × 1.457 inch) and
the weight is also reduced to be approx.
19 g .67 oz (direct coupling 1 Form A, 1
Form B type)
• Low operating power (1.4W) type is
available (1 Form A, 1 Form B)
• Since the terminal arrangement
complies with JIS D5011 B4-M1,
commercial connectors are available
for these types of relays.
• Superior inrush characteristics
Despite its small size, 120A (max. 0.1 s)
capacity has been achieved by using
contacts that are good at withstanding
inrush currents and because of an
ingenious contacting mechanism.
(1 Form A and 1 Form B)
TYPICAL APPLICATIONS
• Motorcycles and automobiles
Motorcycle cell motors, car air
conditioners, halogen lamps, etc.
• Agricultural equipment
• Battery equipped devices such as
conveyance vehicles
Contact arrangement
1a:
1b:
1:
1 Form A
1 Form B
1 Form C
CA
Protective construction
Nil:
F:
Sealed type
Dust cover type
Nominal operating power
Nil:
S:
Standard type (1.8 W)
Low operating power type (1.4 W) (1 Form A, 1 Form B)
Protective element
Nil:
R:
None (Standard type)
With resistor inside
Coil voltage (DC)
12 V, 24 V (1 Form C only)
Mounting method
A:
N:
C:
Rubber bracket A type (1 Form A, 1 Form B)
Screw mounting type
Direct coupling type
Classification by type
Nil:
5:
1 Form C
1 Form A or 1 Form B


Số phần tương tự - CA1BFS-12V-N-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
CA1BF-12V-A-5 NAIS-CA1BF-12V-A-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1BF-12V-C-5 NAIS-CA1BF-12V-C-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
CA1BF-12V-N-5 NAIS-CA1BF-12V-N-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results

Mô tả tương tự - CA1BFS-12V-N-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com