công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CB1A-24V bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện CB1A-24V
Giải thích chi tiết về linh kiện  MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1A-24V bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

  CB1A-24V Datasheet HTML 1Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 2Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 3Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 4Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 5Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 6Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 7Page - Panasonic Semiconductor CB1A-24V Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
NOTES
For general cautions for use, please refer to the “CAUTIONS FOR USE OF AUTOMOTIVE RELAYS”
5. High contact capacity type (1 Form A) (PC board type)
External dimensions
A*
Sealed by epoxy resin
9.5
9.5
1.0
1.0
1.0
4.5
3
×1.7
3
×1.7
6.3
2
×2.15
7
8
5
8
0
3
6
8
2
×0.8
2
×1.2
16.8
8.4
4.5
5.3
5.3
3.9
3.9 3.9
3.9
2.6
8.4
17.9
22.0
26.5
25.5
.331
2
×.031
2
×.047
.661
.331
.154
.154 .154
.154
.102
.705
.177
.209
.866
.374
.039
3
×.067
.374
.039
.039
.177
3
×.067
.248
2
×.085
.209
1.043
1.004
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
* Intervals between terminals is measured at A surface level.
Schematic (Bottom view)
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
30
86
85
87
Including resistor type also available
30
87
85
86
2.6
1.4
3
×1.8
3
×1.8
3
×2.15
3
×2.15
16.8
8.4
7.8
8.4
17.9
7.8
.102
.055
3
×.071
3
×.071
3
×.085
3
×.085
.661
.331
.307
.331
.705
.307
CAD Data
1. Soldering
Max. 350
°C 662°F (solder temperature),
within 3 seconds (soldering time)
The effect on the relay depends on the
actual PC board used. Please verify the
PC board to be used.
2. Usage, transport and storage
conditions
1) Ambient temperature, humidity, and
atmospheric pressure during usage,
transport, and storage of the relay:
(1) Temperature: –40 to +85
°C –40 to
+185
°F (Standard type)
–40 to +125
°C –40 to +257°F (High heat-
resistant type)
(2) Humidity: 2 to 85% RH (Avoid
freezing and condensation.)
(3) Atmospheric pressure: 86 to 106 kPa
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
(Temperature and humidity range for
usage, transport, and storage)
85
5
2
110
85
0
–40
+230
125
+257
+185
+32
–40
Humidity, %RH
Temperature,
°C °F
Tolerance range
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)


Số phần tương tự - CB1A-24V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
CB1A-24V NAIS-CB1A-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Panasonic Semiconductor
CB1A-24V PANASONIC-CB1A-24V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
More results

Mô tả tương tự - CB1A-24V

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Panasonic Semiconductor
CB1-R-SM-12V PANASONIC-CB1-R-SM-12V Datasheet
185Kb / 9P
   MINI-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com