công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA75637P3 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện HUFA75637P3
Giải thích chi tiết về linh kiện  44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75637P3 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  HUFA75637P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75637P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75637P3, HUFA75637S3S Rev. B
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
10
300
300
1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
100
10
100
300
0.001
0.01
0.1
1
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
10
0
20
40
60
80
234
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
5
0
20
40
60
80
01
2
3
4
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS =5V
VGS = 20V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 7V
VGS = 6V
0.5
1.0
1.5
2.0
3.0
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 44A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
160
2.5
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
160
HUFA75637P3, HUFA75637S3S


Số phần tương tự - HUFA75637P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA75631P3 FAIRCHILD-HUFA75631P3 Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631S3ST FAIRCHILD-HUFA75631S3ST Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75631SK8 FAIRCHILD-HUFA75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75639G3 FAIRCHILD-HUFA75639G3 Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639P3 FAIRCHILD-HUFA75639P3 Datasheet
221Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results

Mô tả tương tự - HUFA75637P3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
IRFP150N FAIRCHILD-IRFP150N Datasheet
148Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
FDD3672 FAIRCHILD-FDD3672 Datasheet
233Kb / 11P
   N-Channel UltraFET Trench MOSFET 100V, 44A, 28m?
logo
Intersil Corporation
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75531SK8 FAIRCHILD-HUF75531SK8 Datasheet
240Kb / 10P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75531SK8 FAIRCHILD-HUFA75531SK8 Datasheet
250Kb / 11P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com