công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA75631SK8 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện HUFA75631SK8
Giải thích chi tiết về linh kiện  5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75631SK8 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  HUFA75631SK8 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75631SK8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75631SK8 Rev. B
Electrical Specifications
TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
100
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
1
µA
VDS = 90V, VGS = 0V, TA = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 5.5A, VGS = 10V (Figure 9)
-
0.033
0.039
THERMAL SPECIFICATIONS
Thermal Resistance Junction to
Ambient
RθJA
Pad Area = 0.76 in2 (490.3 mm2) (Note 2)
(Figures 20, 21)
--
50
oC/W
Pad Area = 0.054 in2 (34.8 mm2) (Note 3)
(Figures 20, 21)
-
-
152
oC/W
Pad Area = 0.0115 in2 (7.42 mm2)(Note 4)
(Figures 20, 21)
-
-
189
oC/W
SWITCHING SPECIFICATIONS
Turn-On Time
tON
VDD = 50V, ID = 5.5A
VGS = 10V, RGS = 6.8Ω
(Figures 18, 19)
-
-
50
ns
Turn-On Delay Time
td(ON)
-11-
ns
Rise Time
tr
-23-
ns
Turn-Off Delay Time
td(OFF)
-39-
ns
Fall Time
tf
-31-
ns
Turn-Off Time
tOFF
-
-
105
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 50V, ID = 5.5A,
Ig(REF) = 1.0mA
(Figures 13, 16, 17)
-66
79
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
35
43
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
2.4
2.9
nC
Gate to Source Gate Charge
Qgs
-4.75-
nC
Gate to Drain “Miller” Charge
Qgd
-12-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V, f = 1MHz
(Figure 12)
-
1225
-
pF
Output Capacitance
COSS
-
330
-
pF
Reverse Transfer Capacitance
CRSS
-
105
-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD = 5.5 A
-
-
1.25
V
ISD = 2.5 A
-
-
1.00
V
Reverse Recovery Time
trr
ISD = 5.5 A, dISD/dt = 100A/µs-
-
96
ns
Reverse Recovered Charge
QRR
ISD = 5.5 A, dISD/dt = 100A/µs
-
-
310
nC
HUFA75631SK8


Số phần tương tự - HUFA75631SK8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA75631S3ST FAIRCHILD-HUFA75631S3ST Datasheet
201Kb / 10P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFETs
More results

Mô tả tương tự - HUFA75631SK8

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUF75631SK8 FAIRCHILD-HUF75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75631SK8 INTERSIL-HUF75631SK8 Datasheet
356Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75631P3 INTERSIL-HUF75631P3 Datasheet
343Kb / 9P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFET
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUFA75652G3 FAIRCHILD-HUFA75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com