công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33063MNTXG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33063MNTXG
Giải thích chi tiết về linh kiện  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063MNTXG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33063MNTXG Datasheet HTML 1Page - ON Semiconductor MC33063MNTXG Datasheet HTML 2Page - ON Semiconductor MC33063MNTXG Datasheet HTML 3Page - ON Semiconductor MC33063MNTXG Datasheet HTML 4Page - ON Semiconductor MC33063MNTXG Datasheet HTML 5Page - ON Semiconductor MC33063MNTXG Datasheet HTML 6Page - ON Semiconductor MC33063MNTXG Datasheet HTML 7Page - ON Semiconductor MC33063MNTXG Datasheet HTML 8Page - ON Semiconductor MC33063MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC34063A, MC33063A, SC34063A, SC33063A, NCV33063A
http://onsemi.com
2
1
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
Driver
Collector
Ipk Sense
VCC
Comparator
Inverting
Input
(Top View)
2
3
45
6
7
8
Figure 2. Pin Connections
(Top View)
EP Flag
Switch Collector
Switch Emitter
Timing Capacitor
GND
Ipk Sense
Driver Collector
Comparator
Inverting Input
VCC
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
−0.3 to + 40
Vdc
Switch Collector Voltage
VC(switch)
40
Vdc
Switch Emitter Voltage (VPin 1 = 40 V)
VE(switch)
40
Vdc
Switch Collector to Emitter Voltage
VCE(switch)
40
Vdc
Driver Collector Voltage
VC(driver)
40
Vdc
Driver Collector Current (Note 1)
IC(driver)
100
mA
Switch Current
ISW
1.5
A
Power Dissipation and Thermal Characteristics
Plastic Package, P, P1 Suffix
TA = 25°C
PD
1.25
W
Thermal Resistance
RqJA
115
°C/W
SOIC Package, D Suffix
TA = 25°C
PD
625
mW
Thermal Resistance
RqJA
160
°C/W
DFN Package
TA = 25°C
PD
1.25
mW
Thermal Resistance
RqJA
80
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature Range
TA
°C
MC34063A, SC34063A
0 to +70
MC33063AV, NCV33063A
−40 to +125
MC33063A, SC33063A
−40 to + 85
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum package power dissipation limits must be observed.
2. This device series contains ESD protection and exceeds the following tests: Human Body Model 4000 V per MIL−STD−883, Method 3015.
Machine Model Method 400 V.
3. NCV prefix is for automotive and other applications requiring site and change control.


Số phần tương tự - MC33063MNTXG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC33063MNTXG ONSEMI-MC33063MNTXG Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Mô tả tương tự - MC33063MNTXG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com