công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33761SNT1-030 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33761SNT1-030
Giải thích chi tiết về linh kiện  Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761SNT1-030 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33761SNT1-030 Datasheet HTML 1Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 2Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 3Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 4Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 5Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 6Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 7Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 8Page - ON Semiconductor MC33761SNT1-030 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MC33761
http://onsemi.com
4
DEFINITIONS
Load Regulation
The change in output voltage for a change in output
current at a constant chip temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 100 mV
below its nominal value (which is measured at 1.0 V
differential value). The dropout level is affected by the chip
temperature, load current and minimum input supply
requirements.
Output Noise Voltage
This is the integrated value of the output noise over a
specified frequency range. Input voltage and output current
are kept constant during the measurement. Results are
expressed in
mVRMS.
Maximum Power Dissipation
The maximum total dissipation for which the regulator
will operate within its specs.
Quiescent Current
The quiescent current is the current which flows through
the ground when the LDO operates without a load on its
output: internal IC operation, bias etc. When the LDO
becomes loaded, this term is called the Ground current. It is
actually the difference between the input current (measured
through the LDO input pin) and the output current.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low
dissipation or by using pulse technique such that the average
chip temperature is not significantly affected. One usually
distinguishes static line regulation or DC line regulation (a
DC step in the input voltage generates a corresponding step
in the output voltage) from ripple rejection or audio
susceptibility where the input is combined with a frequency
generator to sweep from a few hertz up to a defined
boundary while the output amplitude is monitored.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 125
°C,
the regulator turns off. This feature is provided to prevent
catastrophic failures from accidental overheating.
Maximum Package Power Dissipation
The maximum power package power dissipation is the
power dissipation level at which the junction temperature
reaches its maximum operating value, i.e. 125
°C.
Depending on the ambient temperature, it is possible to
calculate the maximum power dissipation and thus the
maximum available output current.


Số phần tương tự - MC33761SNT1-030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33761SNT1-25 ONSEMI-MC33761SNT1-25 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-28 ONSEMI-MC33761SNT1-28 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-29 ONSEMI-MC33761SNT1-29 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-30 ONSEMI-MC33761SNT1-30 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-50 ONSEMI-MC33761SNT1-50 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
More results

Mô tả tương tự - MC33761SNT1-030

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
logo
New Japan Radio
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com