công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33761SNT1-028G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33761SNT1-028G
Giải thích chi tiết về linh kiện  Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761SNT1-028G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33761SNT1-028G Datasheet HTML 1Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 2Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 3Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 4Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 5Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 6Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 7Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 8Page - ON Semiconductor MC33761SNT1-028G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
MC33761/D
MC33761
Ultra Low−Noise Low
Dropout Voltage Regulator
with 1.0 V ON/OFF Control
The MC33761 is an Low DropOut (LDO) regulator featuring
excellent noise performances. Thanks to its innovative design, the
circuit reaches an impressive 40
mVRMS noise level without an
external bypass capacitor. Housed in a small SOT−23 5 leads−like
package, it represents the ideal designer’s choice when space and
noise are at premium. The absence of external bandgap capacitor
accelerates the response time to a wake−up signal and keeps it within
40
ms (in repetitive mode), making the MC33761 as a natural
candidate for portable applications.
The MC33761 also hosts a novel architecture which prevents
excessive undershoots in the presence of fast transient bursts, as in any
bursting systems.
Finally, with a static line regulation better than −75 dB, it naturally
shields the downstream electronics against choppy lines.
Features
Ultra−Low Noise: 150 nV/√Hz @ 100 Hz, 40 mVRMS
100 Hz−100 kHz Typical, Iout = 60 mA, Co = 1.0 mF
Fast Response Time from OFF to ON: 40 ms Typical at a 200 Hz
Repetition Rate
Ready for 1.0 V Platforms: ON with a 900 mV High Level
Nominal Output Current of 80 mA with a 100 mA Peak Capability
Typical Dropout of 90 mV @ 30 mA, 160 mV @ 80 mA
Ripple Rejection: 70 dB @ 1.0 kHz
1.5% Output Precision @ 25°C
Thermal Shutdown
Vout Available at 2.5 V, 2.8 V, 2.9 V, 3.0 V, 5.0 V
Operating Range from −40 to +85°C
Dual Version is Available as MC33762
Pb−Free Packages are Available
Applications
Noise Sensitive Circuits: VCOs RF Stages, etc.
Bursting Systems (TDMA Phones)
All Battery Operated Devices
Figure 1. Simplified Block Diagram
Thermal
Shutdown
On/Off
Band Gap
Reference
*Current Limit
*Antisaturation Protection
*Load Transient Improvement
Vout
Vin
GND
NC
ON/
OFF
5
1
2
4
3
THIN SOT−23−5
SN SUFFIX
CASE 483
1
5
PIN CONNECTIONS AND
MARKING DIAGRAM
1
3
NC
Vin
2
GND
ON/OFF
4
Vout
5
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
(Top View)
http://onsemi.com
Lxx
= Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Số phần tương tự - MC33761SNT1-028G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33761SNT1-25 ONSEMI-MC33761SNT1-25 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-28 ONSEMI-MC33761SNT1-28 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-29 ONSEMI-MC33761SNT1-29 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-30 ONSEMI-MC33761SNT1-30 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-50 ONSEMI-MC33761SNT1-50 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
More results

Mô tả tương tự - MC33761SNT1-028G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
logo
New Japan Radio
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com