công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33761SNT1-030G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33761SNT1-030G
Giải thích chi tiết về linh kiện  Ultra Low?묿oise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33761SNT1-030G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33761SNT1-030G Datasheet HTML 1Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 2Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 3Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 4Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 5Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 6Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 7Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 8Page - ON Semiconductor MC33761SNT1-030G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC33761
http://onsemi.com
2
PIN FUNCTION DESCRIPTIONS
Pin #
Pin Name
Function
Description
1
Vin
Powers the IC
A positive voltage up to 12 V can be applied upon this pin.
2
GND
The IC’s ground
3
ON/OFF
Shuts or wakes−up the IC
A 900 mV level on this pin is sufficient to start the IC. A 150 mV shuts it
down.
4
NC
None
It makes no arm to connect the pin to a known potential, like in a
pin−to−pin replacement case.
5
Vout
Delivers the output voltage
This pin requires a 1.0
mF output capacitor to be stable.
MAXIMUM RATINGS
Rating
Pin #
Symbol
Value
Unit
Min
Max
Power Supply Voltage
1
Vin
12
V
ESD Capability, HBM Model
All Pins
1.0
kV
ESD Capability, Machine Model
All Pins
200
V
Maximum Power Dissipation
NW Suffix, Plastic Package
Thermal Resistance Junction−to−Air
PD
RqJA
Internally Limited
210
W
°C/W
Operating Ambient Temperature
Maximum Junction Temperature (Note 1)
Maximum Operating Junction Temperature (Note 2)
TA
TJmax
TJ
−40 to +85
150
125
°C
°C
°C
Storage Temperature Range
Tstg
−60 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS
(For typical values TA = 25°C, for min/max values TA = −40°C to +85°C, max TJ = 125°C unless otherwise noted)
Characteristics
Pin #
Symbol
Min
Typ
Max
Unit
LOGIC CONTROL SPECIFICATIONS
Input Voltage Range
3
VON/OFF
0
Vin
V
ON/OFF Input Resistance (all versions)
3
RON/OFF
250
k
W
ON/OFF Control Voltages (Note 3)
Logic Zero, OFF State, IO = 50 mA
Logic One, ON State, IO = 50 mA
3
VON/OFF
900
150
mV
CURRENTS PARAMETERS
Current Consumption in OFF State (all versions)
OFF Mode Current: Vin = Vout + 1.0 V, IO = 0, VOFF =
150 mV
IQOFF
0.1
2.0
mA
Current Consumption in ON State (all versions)
ON Mode Current: Vin = Vout + 1.0 V, IO = 0, VON = 3.5 V
IQON
180
mA
Current Consumption in ON State (all versions), ON Mode
Saturation Current: Vin = Vout − 0.5 V, No Output Load
IQSAT
800
mA
Current Limit Vin = Voutnom + 1.0 V,
Output is brought to Voutnom − 0.3 V (all versions)
IMAX
100
180
500
mA
1. Internally limited by shutdown.
2. Specifications are guaranteed below this value.
3. Voltage slope should be greater than 2.0 mV/
ms.


Số phần tương tự - MC33761SNT1-030G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33761SNT1-25 ONSEMI-MC33761SNT1-25 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-28 ONSEMI-MC33761SNT1-28 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-29 ONSEMI-MC33761SNT1-29 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-30 ONSEMI-MC33761SNT1-30 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
MC33761SNT1-50 ONSEMI-MC33761SNT1-50 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
More results

Mô tả tương tự - MC33761SNT1-030G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCP4561 ONSEMI-NCP4561 Datasheet
129Kb / 16P
   ULTRA LOW-NOISE LOW DROPOUT VOLTAGE REGULATOR WITH 1.0 ON/OFF CONTROL
May, 2002 ??Rev. 2
MC33762 ONSEMI-MC33762 Datasheet
218Kb / 16P
   Dual Ultra Low-Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
July, 2003 ??Rev. 4
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
MC33761 ONSEMI-MC33761 Datasheet
204Kb / 14P
   Ultra Low-Noise Low Dropout Voltage Regulator with 1V ON/OFF Control
January, 2004 ??Rev. 7
logo
New Japan Radio
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com