công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33063ADR2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33063ADR2
Giải thích chi tiết về linh kiện  1.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063ADR2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33063ADR2 Datasheet HTML 1Page - ON Semiconductor MC33063ADR2 Datasheet HTML 2Page - ON Semiconductor MC33063ADR2 Datasheet HTML 3Page - ON Semiconductor MC33063ADR2 Datasheet HTML 4Page - ON Semiconductor MC33063ADR2 Datasheet HTML 5Page - ON Semiconductor MC33063ADR2 Datasheet HTML 6Page - ON Semiconductor MC33063ADR2 Datasheet HTML 7Page - ON Semiconductor MC33063ADR2 Datasheet HTML 8Page - ON Semiconductor MC33063ADR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2010
August, 2010 − Rev. 23
1
Publication Order Number:
MC34063A/D
MC34063A, MC33063A,
SC34063A, SC33063A,
NCV33063A
1.5 A, Step-Up/Down/
Inverting Switching
Regulators
The MC34063A Series is a monolithic control circuit containing the
primary functions required for DC−to−DC converters. These devices
consist of an internal temperature compensated reference, comparator,
controlled duty cycle oscillator with an active current limit circuit,
driver and high current output switch. This series was specifically
designed to be incorporated in Step−Down and Step−Up and
Voltage−Inverting applications with a minimum number of external
components. Refer to Application Notes AN920A/D and AN954/D
for additional design information.
Features
Operation from 3.0 V to 40 V Input
Low Standby Current
Current Limiting
Output Switch Current to 1.5 A
Output Voltage Adjustable
Frequency Operation to 100 kHz
Precision 2% Reference
Pb−Free Packages are Available
Figure 1. Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
Oscillator CT
Comparator
+
-
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
GND
(Bottom View)
This device contains 79 active transistors.
SOIC−8
D SUFFIX
CASE 751
PDIP−8
P, P1 SUFFIX
CASE 626
1
8
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
x
= 3 or 4
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
1
8
3x063AP1
AWL
YYWWG
1
8
33063AVP
AWL
YYWWG
MARKING
DIAGRAMS
1
8
3x063
ALYWA
G
1
8
3x063V
ALYWA
G
1
8
1
DFN8
CASE 488AF
33063
ALYWA
G


Số phần tương tự - MC33063ADR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2 ONSEMI-MC33063ADR2 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063ADR2G ONSEMI-MC33063ADR2G Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
More results

Mô tả tương tự - MC33063ADR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com