công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA75542S3S bảng dữ liệu(PDF) 7 Page - Fairchild Semiconductor

tên linh kiện HUFA75542S3S
Giải thích chi tiết về linh kiện  75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75542S3S bảng dữ liệu(HTML) 7 Page - Fairchild Semiconductor

Back Button HUFA75542S3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 9Page - Fairchild Semiconductor HUFA75542S3S Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75542P3, HUFA75542S3S Rev. B
PSPICE Electrical Model
.SUBCKT HUFA75542P3 2 1 3 ;
rev 15 Feb 2000
CA 12 8 4.4e-9
CB 15 14 4.2e-9
CIN 6 8 2.5e-9
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 87.2
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1.0e-9
LGATE 1 9 2.6e-9
LSOURCE 3 7 1.1e-9
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 5.5e-3
RGATE 9 20 1.0
RLDRAIN 2 5 10
RLGATE 1 9 26
RLSOURCE 3 7 11
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 3.3e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*230),2.5))}
.MODEL DBODYMOD D (IS = 2.5e-12 RS = 2.85e-3 XTI = 5.5 TRS1 = 2e-3 TRS2 = 1e-6 CJO = 3.2e-9 TT = 5.5e-8 M = 0.6)
.MODEL DBREAKMOD D (RS = 2.9e- 1TRS1 = 1e- 3TRS2 = 1e-6)
.MODEL DPLCAPMOD D (CJO = 3.4e- 9IS = 1e-3 0M = 0.8 N = 10)
.MODEL MMEDMOD NMOS (VTO = 3.06 KP = 4.8 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 1)
.MODEL MSTROMOD NMOS (VTO = 3.5 KP = 80 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 2.67 KP = 0.08 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 10)
.MODEL RBREAKMOD RES (TC1 =1.3e- 3TC2 = -9e-7)
.MODEL RDRAINMOD RES (TC1 = 1.1e-2 TC2 = 2.5e-5)
.MODEL RSLCMOD RES (TC1 = 4.5e-3 TC2 = 1e-5)
.MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0)
.MODEL RVTHRESMOD RES (TC1 = -2.5e-3 TC2 = -1.1e-5)
.MODEL RVTEMPMOD RES (TC1 = -2.75e- 3TC2 = 0)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -6.0 VOFF= -4.5)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -4.5 VOFF= -6.0)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -0.5 VOFF= 0.5)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 0.5 VOFF= -0.5)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUFA75542P3, HUFA75542S3S


Số phần tương tự - HUFA75542S3S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Inchange Semiconductor ...
HUFA75545P3 ISC-HUFA75545P3 Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
HUFA75545S3S FAIRCHILD-HUFA75545S3S Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results

Mô tả tương tự - HUFA75542S3S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
   75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75645P3 FAIRCHILD-HUF75645P3 Datasheet
204Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75645P3 INTERSIL-HUF75645P3 Datasheet
330Kb / 9P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75337G3 FAIRCHILD-HUFA75337G3 Datasheet
225Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75645P3 FAIRCHILD-HUFA75645P3 Datasheet
236Kb / 10P
   75A, 100V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75337G3 INTERSIL-HUF75337G3 Datasheet
106Kb / 9P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75545P3 FAIRCHILD-HUFA75545P3 Datasheet
231Kb / 10P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75545P3 INTERSIL-HUF75545P3 Datasheet
96Kb / 9P
   75A, 80V, 0.010 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com