công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA75329G3 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện HUFA75329G3
Giải thích chi tiết về linh kiện  49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75329G3 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  HUFA75329G3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75329G3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
HUFA75329G3, HUFA75329P3, HUFA75329S3S Rev. A
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . VDSS
55
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . VDGR
55
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Drain Current
Continuous (Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
49
Figure 4
A
Pulsed Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Figures 6, 14, 15
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
128
0.86
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . .TJ, TSTG
-55 to 175
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
55
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 50V, VGS = 0V
-
-
1
µA
VDS = 45V, VGS = 0V, TC = 150
oC-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 10)
2
-
4
V
Drain to Source On Resistance
rDS(ON)
ID = 49A, VGS = 10V (Figure 9)
-
0.020
0.024
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
(Figure 3)
-
-
1.17
oC/W
Thermal Resistance Junction to Ambient
RθJA
TO-247
-
-
30
oC/W
TO-220, TO-263
-
-
62
oC/W
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 30V, ID ≅ 49A,
RL = 0.61Ω, VGS = 10V,
RGS = 9.1Ω
--
105
ns
Turn-On Delay Time
td(ON)
-12
-
ns
Rise Time
tr
-58
-
ns
Turn-Off Delay Time
td(OFF)
-33
-
ns
Fall Time
tf
-33
-
ns
Turn-Off Time
tOFF
--
100
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 20V
VDD = 30V,
ID ≅ 49A,
RL = 0.61Ω
Ig(REF) = 1.0mA
(Figure 13)
-60
75
nC
Gate Charge at 10V
Qg(10)
VGS = 0V to 10V
-
35
43
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 2V
-
2.0
2.5
nC
Gate to Source Gate Charge
Qgs
-5
-
nC
Gate to Drain “Miller” Charge
Qgd
-13
-
nC
HUFA75329G3, HUFA75329P3, HUFA75329S3S


Số phần tương tự - HUFA75329G3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA75329D3 FAIRCHILD-HUFA75329D3 Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329D3S FAIRCHILD-HUFA75329D3S Datasheet
311Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
More results

Mô tả tương tự - HUFA75329G3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HUF75329G3 INTERSIL-HUF75329G3 Datasheet
173Kb / 9P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75329G3 FAIRCHILD-HUF75329G3 Datasheet
252Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
   49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HRFZ44N INTERSIL-HRFZ44N Datasheet
134Kb / 9P
   49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75307P3 FAIRCHILD-HUFA75307P3 Datasheet
217Kb / 10P
   15A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com