công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HUFA75329D3S bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện HUFA75329D3S
Giải thích chi tiết về linh kiện  20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75329D3S bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  HUFA75329D3S Datasheet HTML 1Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 2Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 3Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 4Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 5Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 6Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 7Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 8Page - Fairchild Semiconductor HUFA75329D3S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA75329D3, HUFA75329D3S Rev. A
HUFA75329D3, HUFA75329D3S
20A, 55V, 0.026 Ohm, N-Channel UltraFET
Power MOSFETs
These N-Channel power MOSFETs
are manufactured using the
innovative UltraFET® process. This
advanced process technology
achieves the lowest possible on-resistance per silicon area,
resulting in outstanding performance. This device is capable
of withstanding high energy in the avalanche mode and the
diode exhibits very low reverse recovery time and stored
charge. It was designed for use in applications where power
efficiency is important, such as switching regulators,
switching converters, motor drivers, relay drivers, low-
voltage bus switches, and power management in portable
and battery-operated products.
Formerly developmental type TA75329.
Features
• 20A, 55V
• Simulation Models
- Temperature Compensated PSPICE® and SABER™
Models
- SPICE and SABER Thermal Impedance Models
Available on the WEB at: www.Fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
- TB334, “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy
of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Ordering Information
PART NUMBER
PACKAGE
BRAND
HUFA75329D3
TO-251AA
75329D
HUFA75329D3S
TO-252AA
75329D
NOTE: When ordering, use the entire part number. Add the suffix T to
obtain the TO-252AA variant in tape and reel, e.g., HUFA75329D3ST.
D
G
S
JEDEC TO-251AA
JEDEC TO-252AA
DRAIN
(FLANGE)
DRAIN
SOURCE
GATE
GATE
SOURCE
DRAIN
(FLANGE)
Data Sheet
June 1999
File Number
4426.4


Số phần tương tự - HUFA75329D3S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUFA75329G3 FAIRCHILD-HUFA75329G3 Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329P3 FAIRCHILD-HUFA75329P3 Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329S3S FAIRCHILD-HUFA75329S3S Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75329S3ST FAIRCHILD-HUFA75329S3ST Datasheet
295Kb / 10P
   49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs
More results

Mô tả tương tự - HUFA75329D3S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HUF75329D3 FAIRCHILD-HUF75329D3 Datasheet
225Kb / 10P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75329D3 INTERSIL-HUF75329D3 Datasheet
127Kb / 9P
   20A, 55V, 0.026 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75321D3ST FAIRCHILD-HUF75321D3ST Datasheet
836Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75321D3 FAIRCHILD-HUFA75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
HUF75321D3 FAIRCHILD-HUF75321D3 Datasheet
226Kb / 10P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75321D3 INTERSIL-HUF75321D3 Datasheet
129Kb / 9P
   20A, 55V, 0.036 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA75321P3 FAIRCHILD-HUFA75321P3 Datasheet
234Kb / 10P
   35A, 55V, 0.034 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75332G3 FAIRCHILD-HUFA75332G3 Datasheet
271Kb / 10P
   60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75309P3 INTERSIL-HUF75309P3 Datasheet
102Kb / 9P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com