công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD5332 bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
AD5332 bảng dữ liệu(HTML) 6 Page - Analog Devices |
6 / 24 page AD5304/AD5314/AD5324 Data Sheet Rev. H | Page 6 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter1 Rating VDD to GND –0.3 V to +7 V Digital Input Voltage to GND –0.3 V to VDD + 0.3 V Reference Input Voltage to GND –0.3 V to VDD + 0.3 V VOUTA through VOUTD to GND –0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (A, B, W Version) –40°C to +105°C Storage Temperature Range –65°C to +150°C Junction Temperature (TJ max) 150°C 10-Lead MSOP Power Dissipation (TJ max – TA)/ θJA θJA Thermal Impedance 206°C/W θJC Thermal Impedance 44°C/W 10-Lead LFCSP Power Dissipation (TJ max – TA)/ θJA θJA Thermal Impedance 84°C/W Reflow Soldering Peak Temperature (Pb-free) 260°C Peak Temperature (non Pb-free) 220°C Time at Peak Temperature 10 sec to 40 sec 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Số phần tương tự - AD5332 |
|
Mô tả tương tự - AD5332 |