công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2200-IMQ bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MCP2200-IMQ
Giải thích chi tiết về linh kiện  USB 2.0 to UART Protocol Converter with GPIO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200-IMQ bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MCP2200-IMQ Datasheet HTML 5Page - Microchip Technology MCP2200-IMQ Datasheet HTML 6Page - Microchip Technology MCP2200-IMQ Datasheet HTML 7Page - Microchip Technology MCP2200-IMQ Datasheet HTML 8Page - Microchip Technology MCP2200-IMQ Datasheet HTML 9Page - Microchip Technology MCP2200-IMQ Datasheet HTML 10Page - Microchip Technology MCP2200-IMQ Datasheet HTML 11Page - Microchip Technology MCP2200-IMQ Datasheet HTML 12Page - Microchip Technology MCP2200-IMQ Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
 2011 Microchip Technology Inc.
DS22228B-page 9
MCP2200
2.0
CONFIGURATION
The MCP2200 is configured by writing special
commands using the HID interface. Configuration can
be achieved using the configuration utility provided by
Microchip. Alternatively, a custom utility can be
developed by using the DLL available on the MCP2200
product page.
2.1
Configuration Utility
The configuration utility provided by Microchip allows
the user to configure the MCP2200 to custom defaults.
The configuration utility (shown in Figure 2-1) connects
to the device’s HID interface, where all of the
configurable features can be set.
2.2
Serial String
The MCP2200 is supplied from the factory with a
serialized USB serial string.
TABLE 2-1:
CONFIGURATION DESCRIPTIONS
Configuration Name
Description
Vendor ID (0x04D8)
The USB vendor identification assigned to Microchip by the USB consortium.
Product ID (0x00DF)
Device ID assigned by Microchip. The device can be used “as-is”, or Microchip
can assign a custom PID by request.
Baud Rate
Sets the UART baud rate using a list of primary baud rates. See the UART
section for details on setting non-primary baud rates.
IO Config
Individually configures the I/O to inputs or outputs.
IO Default
Individually configures the output default state for pins configured as outputs.
Tx/Rx LEDs
Enables/disables the GP6 and GP7 pins to function as USB traffic indicators.
Pins are active low when configured as traffic indicators.
Hardware Flow Control
Enables/disables CTS and RTS flow control.
USBCFG Pin
Enables/disables the GP1 pin as a USB configuration status indicator.
Suspend Pin
Enables/disables the GP0 pin as a USB suspend status pin.
Invert Sense
Enables/disables the UART lines states:
- Normal – Tx/Rx idle high; CTS/RTS active low
- Inverted – Tx/Rx idle low; CTS/RTS active high
Manufacturer String
USB manufacturer string.
Product String
USB product string.


Số phần tương tự - MCP2200-IMQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2200-I/MQ MICROCHIP-MCP2200-I/MQ Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200-I/NQ MICROCHIP-MCP2200-I/NQ Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200-I/SO MICROCHIP-MCP2200-I/SO Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200-I/SO MICROCHIP-MCP2200-I/SO Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200-I/SS MICROCHIP-MCP2200-I/SS Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
More results

Mô tả tương tự - MCP2200-IMQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
   USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
07/14/15
MCP2200 MICROCHIP-MCP2200_11 Datasheet
521Kb / 44P
   USB 2.0 to UART Protocol Converter with GPIO
2011
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
   USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221 MICROCHIP-MCP2221 Datasheet
1Mb / 80P
   USB 2.0 to I2C??UART Protocol Converter with GPIO
01/27/15
MCP2210 MICROCHIP-MCP2210 Datasheet
1Mb / 82P
   USB-to-SPI Protocol Converter with GPIO (Master Mode)
2011
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
   Full-Speed USB to UART converter
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
   USB to Serial UART Bridge Converter
logo
Future Technology Devic...
C232HD FTDI-C232HD Datasheet
824Kb / 18P
   C232HD USB 2.0 HI-SPEED TO UART CABLE
logo
Maxim Integrated Produc...
MAX32670EVKIT MAXIM-MAX32670EVKIT Datasheet
853Kb / 11P
   USB 2.0 Micro B to Serial UART Bridge
Rev 2; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com