công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L152V8T6DTR bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện STM32L152V8T6DTR
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU ARM-based Cortex-M3
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152V8T6DTR bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button STM32L152V8T6DTR Datasheet HTML 5Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 6Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 7Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 8Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 9Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 10Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 11Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 12Page - STMicroelectronics STM32L152V8T6DTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Description
Doc ID 17659 Rev 8
9/121
2
Description
The ultra-low-power STM32L15xxx incorporates the connectivity power of the universal
serial bus (USB) with the high-performance ARM Cortex-M3 32-bit RISC core operating at
a 32 MHz frequency, a memory protection unit (MPU), high-speed embedded memories
(Flash memory up to 128 Kbytes and RAM up to 16 Kbytes) and an extensive range of
enhanced I/Os and peripherals connected to two APB buses.
All devices offer a 12-bit ADC, 2 DACs and 2 ultra-low-power comparators, six general-
purpose 16-bit timers and two basic timers, which can be used as time bases.
Moreover, the STM32L15xxx devices contain standard and advanced communication
interfaces: up to two I2Cs and SPIs, three USARTs and a USB. The STM32L15xxx devices
offer up to 20 capacitive sensing channels to simply add touch sensing functionality to any
application.
They also include a real-time clock and a set of backup registers that remain powered in
Standby mode.
Finally, the integrated LCD controller has a built-in LCD voltage generator that allows you to
drive up to 8 multiplexed LCDs with contrast independent of the supply voltage.
The ultra-low-power STM32L15xxx operates from a 1.8 to 3.6 V power supply (down to
1.65 V at power down) with BOR and from a 1.65 to 3.6 V power supply without BOR option.
It is available in the -40 to +85 °C temperature range, extended to 105°C in low power
dissipation state. A comprehensive set of power-saving modes allows the design of low-
power applications.


Số phần tương tự - STM32L152V8T6DTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L152V8T6ADTR STMICROELECTRONICS-STM32L152V8T6ADTR Datasheet
1Mb / 129P
   Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
April 2016
STM32L152V8T6ADTR STMICROELECTRONICS-STM32L152V8T6ADTR Datasheet
1Mb / 130P
   Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
August 2017
More results

Mô tả tương tự - STM32L152V8T6DTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC178X NXP-LPC178X Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller
Rev. 2-27 May 2011
LPC18S50 NXP-LPC18S50 Datasheet
2Mb / 151P
   32-bit ARM Cortex-M3 flashless MCU with security features
Rev. 1-23 February 2015
logo
Analog Devices
ADUCM3027 AD-ADUCM3027 Datasheet
688Kb / 39P
   Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
logo
STMicroelectronics
STM32L151C8T6 STMICROELECTRONICS-STM32L151C8T6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
STM32L151VBT6 STMICROELECTRONICS-STM32L151VBT6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
   ARM Cortex-M23 32-bit MCU
logo
STMicroelectronics
STM32L151XX STMICROELECTRONICS-STM32L151XX Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
STM32L151CBT6 STMICROELECTRONICS-STM32L151CBT6 Datasheet
2Mb / 121P
   Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com