công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5544 bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD5544
Giải thích chi tiết về linh kiện  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5544 bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD5544 Datasheet HTML 4Page - Analog Devices AD5544 Datasheet HTML 5Page - Analog Devices AD5544 Datasheet HTML 6Page - Analog Devices AD5544 Datasheet HTML 7Page - Analog Devices AD5544 Datasheet HTML 8Page - Analog Devices AD5544 Datasheet HTML 9Page - Analog Devices AD5544 Datasheet HTML 10Page - Analog Devices AD5544 Datasheet HTML 11Page - Analog Devices AD5544 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5544/AD5554
Data Sheet
Rev. G | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD5544/
AD5554
TOP VIEW
(Not to Scale)
AGNDA
AGNDD
IOUTA
IOUTD
VREFA
VREFD
RFBARFBD
MSB
DGND
VSS
VDD
AGNDF
CLK
SDO
SDI
NC
RFBB
RFBC
VREFB
VREFC
IOUTB
IOUTC
AGNDBAGNDC
NC = NO CONNECT
LDAC
CS
RS
Figure 5. TSSOP Pin Configuration
NOTES
1. NC = NO CONNECT.
2. CONNECT EXPOSED PAD TO AGND.
24 DGND
23 VSS
22 AGNDF
21 LDAC
20 SDO
19 NC
18 RFBC
17 VREFC
1
2
3
4
5
6
7
8
AGNDA
IOUTA
VREFA
RFBA
MSB
RS
VDD
CS
AD5544
TOP VIEW
(Not to Scale)
Figure 6. LFCSP Pin Configuration
Table 4. Pin Function Descriptions
TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
1
AGNDA
DAC A Analog Ground.
2
2
IOUTA
DAC A Current Output.
3
3
VREFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. This pin can be
tied to the VDD pin.
4
4
RFBA
Establish the voltage output for DAC A by connecting to an external amplifier output.
5
5
MSB
MSB Bit. Set pin during a reset pulse (RS) or at system power-on if tied to ground or VDD.
6
6
RS
Reset Pin, Active Low Input. Input registers and DAC registers are set to all 0s or half-scale code
(0x8000 for the AD5544 and 0x2000 for the AD5554), determined by the voltage on the MSB pin.
Register data = 0x0000 when MSB = 0.
7
7
VDD
Positive Power Supply Input. Specified range of operation: 5 V ± 10%.
8
8
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial register data
to the input register when CS/LDAC returns high. Does not affect LDAC operation.
9
9
CLK
Clock Input. Positive edge clocks data into the shift register.
10
10
SDI
Serial Data Input. Input data loads directly into the shift register.
11
11
RFBB
Establish the voltage output for DAC B by connecting to an external amplifier output.
12
12
VREFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage. This pin can be
tied to the VDD pin.
13
13
IOUTB
DAC B Current Output.
14
14
AGNDB
DAC B Analog Ground.
15
15
AGNDC
DAC C Analog Ground.
16
16
IOUTC
DAC C Current Output.
17
17
VREFC
DAC C Reference Voltage Input Terminal. Establishes DAC C full-scale output voltage. This pin can be
tied to the VDD pin.
18
18
RFBC
Establish the voltage output for DAC C by connecting to an external amplifier output.
19
19
NC
No Connect. Leave the pin unconnected.
20
20
SDO
Serial Data Output. Input data loads directly into the shift register. Data appears at SDO at 19 clock
pulses for the AD5544 and 17 clock pulses for the AD5554 after input at the SDI pin.
21
21
LDAC
Load DAC Register Strobe, Level Sensitive Active Low. Transfers all input register data to DAC
registers. Asynchronous active low input. See Table 8 and Table 9 for operation.
22
22
AGNDF
High Current Analog Force Ground.
23
23
VSS
Negative Bias Power Supply Input. Specified range of operation: −5.5 V to +0.3 V.
24
24
DGND
Digital Ground Pin.
25
25
RFBD
Establish the voltage output for DAC D by connecting to an external amplifier output.


Số phần tương tự - AD5544

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

Mô tả tương tự - AD5544

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com