công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5421CREZ bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD5421CREZ
Giải thích chi tiết về linh kiện  Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5421CREZ bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD5421CREZ Datasheet HTML 2Page - Analog Devices AD5421CREZ Datasheet HTML 3Page - Analog Devices AD5421CREZ Datasheet HTML 4Page - Analog Devices AD5421CREZ Datasheet HTML 5Page - Analog Devices AD5421CREZ Datasheet HTML 6Page - Analog Devices AD5421CREZ Datasheet HTML 7Page - Analog Devices AD5421CREZ Datasheet HTML 8Page - Analog Devices AD5421CREZ Datasheet HTML 9Page - Analog Devices AD5421CREZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UG-250
Evaluation Board User Guide
Rev. A | Page 6 of 12
Figure 3. Main Window
MAIN WINDOW
As can be seen in Figure 3, the main window is made up of
5 tabs; Control Register, DAC Register, Fault Register,
Program Loop Current, and Command Write. Outside
of the tab structure at the top right of the window are two
control items; LDAC PIN to set the state of the LDAC pin
and USE PEC to select whether packet error checking is used
in the communications with the AD5421. There is also an
indicator item; PEC Error, this alerts to a packet error in the
data received from the AD5421. At the bottom of the window
is a display of the contents of the fault register, this is updated
on every communication with the AD5421 if Auto Fault
Readback is enabled.
Control Register
The Control Register tab is displayed by default. This tab
allows the user to program the control register.
DAC Register
The DAC Register tab allows the user to program the DAC
register, offset adjust register, and gain adjust register.
Fault Register
The Fault Register tab allows the user to read the contents
of the fault register. The fault register can also be polled
continuously.
Program Loop Current
The Program Loop Current tab allows the user to program a
loop current value directly by entering the value in milliamps
after having first selected the loop current range that is set by
the Range0 and Range1 link options.
Command Write
The Command Write tab allows the user to read/write all of the
AD5421s registers as well as issue commands.


Số phần tương tự - AD5421CREZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5421CREZ AD-AD5421CREZ Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421CREZ-RL AD-AD5421CREZ-RL Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421CREZ-RL7 AD-AD5421CREZ-RL7 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results

Mô tả tương tự - AD5421CREZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
   16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD421BNZ AD-AD421BNZ Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421 Datasheet
171Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421BRZRL AD-AD421BRZRL Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD421 AD-AD421_15 Datasheet
173Kb / 14P
   Loop-Powered 4 mA to 20 mA DAC
REV. C
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
AD420 AD-AD420_11 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420 AD-AD420_15 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
AD420ANZ-32 AD-AD420ANZ-32 Datasheet
303Kb / 16P
   Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com