công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCCA000159 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện MCCA000159
Giải thích chi tiết về linh kiện  Evaluation Board for FSK AD5700/AD5700-1 HART Modem
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

MCCA000159 bảng dữ liệu(HTML) 3 Page - Analog Devices

  MCCA000159 Datasheet HTML 1Page - Analog Devices MCCA000159 Datasheet HTML 2Page - Analog Devices MCCA000159 Datasheet HTML 3Page - Analog Devices MCCA000159 Datasheet HTML 4Page - Analog Devices MCCA000159 Datasheet HTML 5Page - Analog Devices MCCA000159 Datasheet HTML 6Page - Analog Devices MCCA000159 Datasheet HTML 7Page - Analog Devices MCCA000159 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Evaluation Board User Guide
UG-382
Rev. A | Page 3 of 8
EVALUATION BOARD HARDWARE
POWER SUPPLIES
AGND and DGND are connected together on the board to
provide a single GND signal. To power the EVAL-AD5700-1EBZ,
supply 3.3 V between the VCC and GND inputs for the analog
supply of the AD5700/AD5700-1. With L5 inserted (default), this
also provides power to IOVCC.
LINK OPTIONS
A number of links on the evaluation board must be set for the
required operating setup before using the board. The functions
of these link options are described in detail in Table 2. The
default setup is using the on-chip reference, the crystal
oscillator, and the internal receive filter (see Table 1).
Table 1. Default Link Options
Link No.
Option
CLK_CFG1
A
CLK_CFG0
A
XTAL_EN
A
FILTER_SEL
B
L1
A
L2
A
REF_EN
B
DUPLEX
A
L5
Inserted
L6
Not inserted
L8
Inserted
Table 2. Link Functions
Link No.
Function
CLK_CFG1,
CLK_CFG0,
XTAL_EN
The AD5700/AD5700-1 support numerous clocking configurations to allow a simple, low cost solution. The
AD5700/AD5700-1 can use an external crystal or ceramic resonator, a CMOS input, or an internal RC oscillator
(AD5700-1 only). The CLK_CFG0, CLK_CFG1, and XTAL_EN links configure the clock generation as follows:
XTAL_EN
CLK_CFG1
CLK_CFG0
CLKOUT
Description
B
A
A
No output
3.6864 MHz CMOS clock connected at XTAL1 pin
B
A
B
No output
1.2288 MHz CMOS clock connected at XTAL1 pin
B
B
A
No output
Internal oscillator enabled
B
B
B
1.2288 MHz output
Internal oscillator enabled, CLKOUT enabled
A
A
A
No output
Crystal oscillator enabled
A
A
B
3.6864 MHz output
Crystal oscillator enabled, CLKOUT enabled
A
B
A
1.8432 MHz output
Crystal oscillator enabled, CLKOUT enabled
A
B
B
1.2288 MHz output
Crystal oscillator enabled, CLKOUT enabled
FILTER_SEL, L1, L2
These link options set whether the internal or external receive band-pass filter is used at the HART input.
Setting FILTER_SEL to Position B and L1 and L2 to Position A sets the board to use the internal receive band-pass filter.
Setting FILTER_SEL to Position A and L1 and L2 to Position B sets the board to use the external receive band-pass filter.
REF_EN
This sets whether the internal or an external reference is used.
Position A—disables the internal reference, and a buffered external 2.5 V reference source must be applied at REF.
Position B—enables the internal 1.5 V reference and buffer.
DUPLEX
Allows the modulator and demodulator of the AD5700/AD5700-1 to be enabled at the same time.
Position A—the AD5700/AD5700-1 operate in half-duplex operation (controlled by RTS).
Position B—the AD5700/AD5700-1 operate in full duplex operation, with the modulator and demodulator of the
AD5700/AD5700-1 enabled at the same time.
L5
Allows VCC to be connected directly to IOVCC.
Inserted—VCC is connected to IOVCC.
Not inserted—VCC is disconnected from IOVCC.
L6
Do not insert this link.
L8
This link must be inserted.


Số phần tương tự - MCCA000159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
MCCA000145 ETC2-MCCA000145 Datasheet
697Kb / 12P
   Multi Layer Ceramic Capacitor
More results

Mô tả tương tự - MCCA000159

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRTPG ONSEMI-A5191HRTPG Datasheet
199Kb / 14P
   HART Modem
March, 2013 ??Rev. 6
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8