công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG706BRUZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADG706BRUZ
Giải thích chi tiết về linh kiện  CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG706BRUZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADG706BRUZ Datasheet HTML 1Page - Analog Devices ADG706BRUZ Datasheet HTML 2Page - Analog Devices ADG706BRUZ Datasheet HTML 3Page - Analog Devices ADG706BRUZ Datasheet HTML 4Page - Analog Devices ADG706BRUZ Datasheet HTML 5Page - Analog Devices ADG706BRUZ Datasheet HTML 6Page - Analog Devices ADG706BRUZ Datasheet HTML 7Page - Analog Devices ADG706BRUZ Datasheet HTML 8Page - Analog Devices ADG706BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ADG706/ADG707
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
CMOS, +1.8 V to +5.5 V/ 2.5 V, 2.5
Low-Voltage, 8-/16-Channel Multiplexers
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
REV. A
FEATURES
+1.8 V to +5.5 V Single Supply
2.5 V Dual Supply
2.5
ON Resistance
0.5
ON Resistance Flatness
100 pA Leakage Currents
40 ns Switching Times
Single 16-to-1 Multiplexer ADG706
Differential 8-to-1 Multiplexer ADG707
28-Lead TSSOP Package
Low-Power Consumption
TTL/CMOS-Compatible Inputs
APPLICATIONS
Data Acquisition Systems
Communication Systems
Relay Replacement
Audio and Video Switching
Battery-Powered Systems
GENERAL DESCRIPTION
The ADG706 and ADG707 are low-voltage, CMOS analog
multiplexers comprising 16 single channels and eight differential
channels, respectively. The ADG706 switches one of 16 inputs
(S1–S16) to a common output, D, as determined by the 4-bit
binary address lines A0, A1, A2, and A3. The ADG707 switches
one of eight differential inputs to a common differential output as
determined by the 3-bit binary address lines A0, A1, and A2.
An EN input on both devices is used to enable or disable the
device. When disabled, all channels are switched OFF.
Low-power consumption and operating supply range of 1.8 V to
5.5 V make the ADG706 and ADG707 ideal for battery-powered,
portable instruments. All channels exhibit break-before-make
switching action preventing momentary shorting when switch-
ing channels. These devices are also designed to operate from a
dual supply of
±2.5 V.
These multiplexers are designed on an enhanced submicron process
that provides low-power dissipation yet gives high switching speed,
very low ON resistance, and leakage currents. ON resistance is in
the region of a few ohms and is closely matched between switches
and very flat over the full signal range. These parts can operate
equally well as either multiplexers or demultiplexers and have an
input signal range that extends to the supplies.
The ADG706 and ADG707 are available in small 28-lead TSSOP
packages.
FUNCTIONAL BLOCK DIAGRAMS
S1
S16
A0
D
A3
A1
ADG706
S1A
A0
DA
A1
S8A
S1B
S8B
DB
EN
ADG707
EN
A2
A2
1-OF-16
DECODER
1-OF-8
DECODER
PRODUCT HIGHLIGHTS
1. Single-/dual-supply operation. The ADG706 and ADG707 are
fully specified and guaranteed with 3 V and 5 V single-supply
and
±2.5 V dual-supply rails.
2. Low ON resistance (2.5
Ω typical)
3. Low-power consumption (<0.01
µW)
4. Guaranteed break-before-make switching action
5. Small 28-lead TSSOP package


Số phần tương tự - ADG706BRUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG706BRU AD-ADG706BRU Datasheet
154Kb / 11P
   CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV. 0
ADG706BRU AD-ADG706BRU Datasheet
246Kb / 12P
   CMOS, 1.8 V to 5.5 V/2.5 V, 2.5  Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG706BRU AD-ADG706BRU Datasheet
222Kb / 12P
   CMOS,1.8V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com