công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F100ZDT7BTR bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM32F100ZDT7BTR
Giải thích chi tiết về linh kiện  High-density value line, advanced ARM-based 32-bit MCU
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100ZDT7BTR bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM32F100ZDT7BTR Datasheet HTML 7Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 8Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 9Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 10Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 11Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 12Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 13Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 14Page - STMicroelectronics STM32F100ZDT7BTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
STM32F100xC, STM32F100xD, STM32F100xE
Description
Doc ID 15081 Rev 7
11/98
Figure 1.
STM32F100xx value line block diagram
1.
AF = alternate function on I/O port pin.
2.
TA = –40 °C to +85 °C (junction temperature up to 105 °C) or TA = –40 °C to +105 °C (junction temperature up to 125 °C).
PA[15:0]
EXT.I T
WWDG
12-bit ADC1
16 ADC channels
(ADC_INx)
JTDI
JTCK/SWCLK
JTMS/SWDIO
NJTRST
JTDO
NRST
VDD= 2.0 V to 3.6 V
80 AF
PB[15:0]
PC[15:0]
AHB2
WKUP
GPIO port A
GPIO port B
GPIO port C
Fmax : 24 MHz
VSS
V
REF+
GP DMA
TIM2
TIM3
XTAL OSC
4-24 MHz
XTAL 32 kHz
OSC_IN
OSC_OUT
OSC32_OUT
OSC32_IN
HCLK
PCLK1
Flash 512 KB
Voltage reg.
3.3 V to 1.8 V
VDD18
Power
Backup interface
as AF
TIM4
32 bit
RTC
AWU
RC HS
Cortex-M3 CPU
Ibus
Dbus
USART1
USART2
SPI2
12 channels
Backup
register
TIM15
I2C1
RX,TX, CTS, RTS,
USART3
Temp sensor
PD[15:0]
GPIO port D
PE[15:0]
GPIO port E
FCLK
RC LS
Standby
IWDG
@VDD33
@VBAT
POR / PDR
Supply
supervision
@VDDA
VDDA
VSSA
@VDDA
VBAT = 1.8 V to 3.6 V
.
CK as AF
RX, TX, CTS, RTS, CK
as AF
RX,TX, CTS, RTS,
CK as AF
SPI1
IF
interface
@VDDA
PVD
Reset
Int
@VDD
AHB2
APB 2
APB1
POR
TAM PER-RTC
System
TIM16
Reset &
clock
control
PCLK2
PLL
12-bit DAC1
IF
12-bit DAC2
@VDDA
DAC1_OUT as AF
DAC2 _OUT as AF
SRAM
32 KB
TIM6
TIM7
(ALARM OUT)
NVIC
TRACECLK
TRACED[0:3]
as AF
TIM17
JTAG & SW
pbus
Trace
controller
I2C2
HDMI CEC
HDMI CEC as AF
4 channels
as AF
4 channels
as AF
4 channels
as AF
MOSI, MISO,
SCK, NSS as AF
MOSI, MISO, SCK, NSS
as AF
V
REF–
2 channels, 1 compl. channel
and BKIN as AF
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
ai17515b
TIM1
4 channels, 3 compl. channels,
ETR and BKIN as AF
1 channel, 1 compl. channel
and BKIN as AF
1 channel, 1 compl. channel
and BKIN as AF
TIM12
TIM13
TIM14
2 channels
as AF
1 channel
as AF
1 channel
as AF
TIM5
4 channels
UART4
RX,TX, CTS, RTS,
CK as AF
UART5
RX,TX, CTS, R
CK as AF
SPI3
MOSI, MISO,
SCK, NSS as AF
FSMC
A[25:0]
D[15:0]
CLK
NOE
NWE
NE[3:0]
NBL[1:0]
NWAIT
NADV
as AF
GPIO port F
GPIO port G
PF[15:0]
PG[15:0]


Số phần tương tự - STM32F100ZDT7BTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F100ZD STMICROELECTRONICS-STM32F100ZD Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
More results

Mô tả tương tự - STM32F100ZDT7BTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F100X4 STMICROELECTRONICS-STM32F100X4 Datasheet
1Mb / 84P
   Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com