công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM224KADR bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
LM224KADR bảng dữ liệu(HTML) 8 Page - Texas Instruments |
8 / 35 page electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM124A LM224A LM324A, LM324KA UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP § MAX MIN TYP § MAX MIN TYP § MAX UNIT V Input offset voltage VCC = 5 V to 30 V, 25 °C 2 2 3 2 3 mV VIO Input offset voltage VCC = 5 V to 30 V, VIC = VICRmin, VO = 1.4 V Full range 4 4 5 mV I Input offset current V 14V 25 °C 10 2 15 2 30 nA IIO Input offset current VO = 1.4 V Full range 30 30 75 nA I Input bias current V 14V 25 °C −50 −15 −80 −15 −100 nA IIB Input bias current VO = 1.4 V Full range −100 −100 −200 nA V Common-mode input V 30 V 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common-mode input voltage range VCC = 30 V Full range 0 to VCC − 2 0 to VCC − 2 0 to VCC − 2 V RL = 2 kΩ 25 °C VCC − 1.5 VCC − 1.5 VCC − 1.5 VOH High-level output voltage V 30 V RL = 2 kΩ Full range 26 26 26 V VOH High level output voltage VCC = 30 V RL ≥ 10 kΩ Full range 27 27 28 27 28 V VOL Low-level output voltage RL ≤ 10 kΩ Full range 20 5 20 5 20 mV A Large-signal differential VCC = 15 V, VO = 1 V to 11 V, 25 °C 50 100 50 100 25 100 V/mV AVD Large-signal differential voltage amplification VCC = 15 V, VO = 1 V to 11 V, RL ≥ 2 kΩ Full range 25 25 15 V/mV CMRR Common-mode rejection ratio VIC = VICRmin 25 °C 70 70 80 65 80 dB kSVR Supply-voltage rejection ratio ( ∆VCC /∆VIO) 25 °C 65 65 100 65 100 dB VO1/VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25 °C 120 120 120 dB VCC = 15 V, V 1V Source 25 °C −20 −20 −30 −60 −20 −30 −60 VID = 1 V, VO = 0 Source Full range −10 −10 −10 mA IO Output current VCC = 15 V, V 1V Sink 25 °C 10 10 20 10 20 mA VID = −1 V, VO = 15 V Sink Full range 5 5 5 VID = −1 V, VO = 200 mV 25 °C 12 12 30 12 30 µA IOS Short-circuit output current VCC at 5 V, GND at −5 V, VO = 0 25 °C ±40 ±60 ±40 ±60 ±40 ±60 mA Supply current VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 0.7 1.2 ICC Supply current (four amplifiers) VCC = 30 V, VO = 15 V, No load Full range 1.4 3 1.4 3 1.4 3 mA † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. ‡ Full range is −55 °C to 125°C for LM124A, −25°C to 85°C for LM224A, and 0°C to 70°C for LM324A. § All typical values are at TA = 25°C. |
Số phần tương tự - LM224KADR |
|
Mô tả tương tự - LM224KADR |