công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1117LD-1.8/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1117LD-1.8/NOPB
Giải thích chi tiết về linh kiện  800mA Low-Dropout Linear Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117LD-1.8/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM1117LD-1.8/NOPB Datasheet HTML 1Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 2Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 3Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 4Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 5Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 6Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 7Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 8Page - Texas Instruments LM1117LD-1.8/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM1117-N, LM1117I
www.ti.com
SNOS412M – FEBRUARY 2000 – REVISED MARCH 2013
LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
Check for Samples: LM1117-N, LM1117I
1
FEATURES
DESCRIPTION
The LM1117-N is a series of low dropout voltage
2
Available in 1.8V, 2.5V, 2.85V, 3.3V, 5V, and
regulators with a dropout of 1.2V at 800mA of load
Adjustable Versions
current.
It
has
the
same
pin-out
as
Texas
Space Saving SOT-223 and WSON Packages
Instruments' industry standard LM317.
Current Limiting and Thermal Protection
The LM1117-N is available in an adjustable version,
Output Current 800mA
which can set the output voltage from 1.25V to 13.8V
with only two external resistors. In addition, it is also
Line Regulation 0.2% (Max)
available in five fixed voltages, 1.8V, 2.5V, 2.85V,
Load Regulation 0.4% (Max)
3.3V, and 5V.
Temperature Range
The LM1117-N offers current limiting and thermal
LM1117-N: 0°C to 125°C
shutdown. Its circuit includes a zener trimmed
LM1117I:
−40°C to 125°C
bandgap reference to assure output voltage accuracy
to within ±1%.
APPLICATIONS
The LM1117-N series is available in WSON, PFM,
2.85V Model for SCSI-2 Active Termination
SOT-223, TO-220, and TO-263 DDPAK packages. A
minimum of 10µF tantalum capacitor is required at
Post Regulator for Switching DC/DC Converter
the output to improve the transient response and
High Efficiency Linear Regulators
stability.
Battery Charger
Battery Powered Instrumentation
TYPICAL APPLICATION
Active Terminator for SCSI-2 Bus
Figure 1. Fixed Output Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM1117LD-1.8/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Mô tả tương tự - LM1117LD-1.8/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
   800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Texas Instruments
SM74503 TI-SM74503_15 Datasheet
458Kb / 14P
[Old version datasheet]   SM74503 800mA Low-Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com