công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD5N60NZ bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDD5N60NZ
Giải thích chi tiết về linh kiện  N-Channel UniFET II MOSFET 600 V, 4.0 A, 2 Ohm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N60NZ bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDD5N60NZ Datasheet HTML 1Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 2Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 3Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 4Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 5Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 6Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 7Page - Fairchild Semiconductor FDD5N60NZ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2011 Fairchild Semiconductor Corporation
FDD5N60NZ Rev. C0
www.fairchildsemi.com
1
March 2013
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FDD5N60NZ
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±25
V
ID
Drain Current
- Continuous (TC = 25
oC)
4.0
A
- Continuous (TC = 100
oC)
2.4
IDM
Drain Current
- Pulsed
(Note 1)
16
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
216
mJ
IAR
Avalanche Current
(Note 1)
4.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
8.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
10
V/ns
PD
Power Dissipation
(TC = 25
oC)
83
W
- Derate above 25oC0.7
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDD5N60NZ
Unit
RJC
Thermal Resistance, Junction to Case, Max.
1.5
oC/W
RJA
Thermal Resistance, Junction to Ambient, Max.
90
FDD5N60NZ
N-Channel UniFETTM II MOSFET
600 V, 4.0 A, 2
Features
•RDS(on) = 1.65  (Typ.) @ VGS = 10 V, ID = 2.0 A
• Low Gate Charge (Typ. 10 nC)
•Low Crss (Typ. 5 pF)
• 100% Avalanche Tested
• Improved dv/dt Capability
• ESD Improved Capability
•RoHS Compliant
Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply
Description
UniFETTM II MOSFET is Fairchild Semiconductor®’s high voltage
MOSFET family based on advanced planar stripe and DMOS tech-
nology. This advanced MOSFET family has the smallest on-state
resistance among the planar MOSFET, and also provides superior
switching performance and higher avalanche energy strength. In
addition, internal gate-source ESD diode allows UniFET II MOSFET
to withstand over 2kV HBM surge stress. This device family is suit-
able for switching power converter applications such as power factor
correction (PFC), flat panel display (FPD) TV power, ATX and elec-
tronic lamp ballasts.
G
S
D
G
S
D
G
S
D
D-PAK


Số phần tương tự - FDD5N60NZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - FDD5N60NZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
   N-Channel UniFET II MOSFET
logo
Kersemi Electronic Co.,...
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
   N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
   N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
   MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FDD7N25LZTM FAIRCHILD-FDD7N25LZTM Datasheet
329Kb / 8P
   N-Channel UniFET MOSFET
FDPF14N30T FAIRCHILD-FDPF14N30T Datasheet
393Kb / 8P
   N-Channel UniFET MOSFET 300 V, 14 A, 290 m
FQU5N60CTU FAIRCHILD-FQU5N60CTU Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com