công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD18N20V2 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FQD18N20V2
Giải thích chi tiết về linh kiện  N-Channel QFET MOSFET 200 V, 15 A, 140 mOhm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD18N20V2 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FQD18N20V2 Datasheet HTML 1Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 2Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 3Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 4Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 5Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 6Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 7Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 8Page - Fairchild Semiconductor FQD18N20V2 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
FQD18N20V2 / FQU18N20V2 Rev. C0
www.fairchildsemi.com
FQD18N20V2 / FQU18N20V2
N-Channel
QFET® MOSFET
200 V, 15 A, 140 mΩ
Description
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to
reduce on-state resistance, and to provide superior
switching performance and high avalanche energy
strength. These devices are suitable for switched mode
power supplies, active power factor correction (PFC), and
electronic lamp ballasts.
Features
• 15 A, 200 V, RDS(on) = 140 mΩ @ VGS = 10 V,
ID = 7.5 A
• Low Gate Charge (Typ. 20 nC)
• Low Crss (Typ. 25 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings TC = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD18N20V2 / FQU18N20V2
Unit
VDSS
Drain-Source Voltage
200
V
ID
Drain Current
- Continuous (TC = 25°C)
15
A
- Continuous (TC = 100°C)
9.75
A
IDM
Drain Current
- Pulsed
(Note 1)
60
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
340
mJ
IAR
Avalanche Current
(Note 1)
15
A
EAR
Repetitive Avalanche Energy
(Note 1)
8.3
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
6.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
83
W
- Derate above 25°C
0.67
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQD18N20V2 / FQU18N20V2
Unit
RθJC
Thermal Resistance, Junction-to-Case, Max.
1.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient, Max.
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"
S
D
G
I-PAK
D-PAK
April 2013
G
S
D
G
D
S


Số phần tương tự - FQD18N20V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
615Kb / 9P
   200V N-Channel MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2 Datasheet
754Kb / 9P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQD18N20V2 ISC-FQD18N20V2 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
VBsemi Electronics Co.,...
FQD18N20V2TM VBSEMI-FQD18N20V2TM Datasheet
1,010Kb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Mô tả tương tự - FQD18N20V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD10N20CTM FAIRCHILD-FQD10N20CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 200 V, 7.8 A, 360 mOhm
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQU13N06TU FAIRCHILD-FQU13N06TU Datasheet
803Kb / 8P
   N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
   N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD12N20TM FAIRCHILD-FQD12N20TM Datasheet
862Kb / 9P
   N-Channel QFET MOSFET 200 V, 9 A, 280 m
FQD10N20LTF FAIRCHILD-FQD10N20LTF Datasheet
765Kb / 8P
   N-Channel QFET MOSFET 200 V, 7.6 A, 360 m
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
FQNL2N50BTA FAIRCHILD-FQNL2N50BTA Datasheet
786Kb / 8P
   N-Channel QFET MOSFET 500 V, 0.35 A, 5.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com