công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX3245MTCX bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74LVX3245MTCX
Giải thích chi tiết về linh kiện  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245MTCX bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74LVX3245MTCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 7Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 8Page - Fairchild Semiconductor 74LVX3245MTCX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
February 2010
© 1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX3245
8-Bit Dual Supply Translating Transceiver with
3-STATE Outputs
General Description
The LVX3245 is a dual-supply, 8-bit translating transceiver
that is designed to interface between a 3V bus and a 5V
bus in a mixed 3V/5V supply environment. The Transmit/
Receive (T/R) input determines the direction of data flow.
Transmit (active-HIGH) enables data from A Ports to B
Ports; Receive (active-LOW) enables data from B Ports to
A Ports. The Output Enable input, when HIGH, disables
both A and B Ports by placing them in a high impedance
condition. The A Port interfaces with the 3V bus; the B Port
interfaces with the 5V bus.
The LVX3245 is suitable for mixed voltage applications
such as notebook computers using 3.3V CPU and 5V
peripheral components.
Features
■ Bidirectional interface between 3V and 5V buses
■ Inputs compatible with TTL level
■ 3V data flow at A Port and 5V data flow at B Port
■ Outputs source/sink 24 mA
■ Guaranteed simultaneous switching noise level and
dynamic threshold performance
■ Implements proprietary EMI reduction circuitry
■ Functionally compatible with the 74 series 245
Ordering Code:
Order Number
Package Number
Package Description
74LVX3245WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX3245QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
74LVX3245MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol/s
Pin Descriptions
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
Connection Diagram/s


Số phần tương tự - 74LVX3245MTCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVX3245MTCX ONSEMI-74LVX3245MTCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results

Mô tả tương tự - 74LVX3245MTCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com