công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GMA2288C bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện GMA2288C
Giải thích chi tiết về linh kiện  2.3 INCH (58.S mm) 8 X 8 DOT MATRIX STICK DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GMA2288C bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

  GMA2288C Datasheet HTML 1Page - Fairchild Semiconductor GMA2288C Datasheet HTML 2Page - Fairchild Semiconductor GMA2288C Datasheet HTML 3Page - Fairchild Semiconductor GMA2288C Datasheet HTML 4Page - Fairchild Semiconductor GMA2288C Datasheet HTML 5Page - Fairchild Semiconductor GMA2288C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
2.3 INCH (58.4 mm) 8 X 8
DOT MATRIX STICK DISPLAY
www.fairchildsemi.com
© 2000 Fairchild Semiconductor Corporation


Số phần tương tự - GMA2288C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
GMA2285C FAIRCHILD-GMA2285C Datasheet
248Kb / 5P
   2.3 INCH (58.4 mm) 5 X 8 DOT MATRIX STICK DISPLAY
More results

Mô tả tương tự - GMA2288C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
GMA26881C FAIRCHILD-GMA26881C Datasheet
238Kb / 6P
   2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2688C FAIRCHILD-GMA2688C Datasheet
264Kb / 7P
   2.3 INCH (58.4 mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA2285C FAIRCHILD-GMA2285C Datasheet
248Kb / 5P
   2.3 INCH (58.4 mm) 5 X 8 DOT MATRIX STICK DISPLAY
GMA26841C FAIRCHILD-GMA26841C Datasheet
231Kb / 6P
   2.3 INCH (58.4 mm) 4 X 8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
C-5880H ETC1-C-5880H Datasheet
119Kb / 1P
   2.3 INCH, 8 X 8 DOT MATRIX DISPLAY
logo
Fairchild Semiconductor
GMA4Y881C FAIRCHILD-GMA4Y881C Datasheet
187Kb / 5P
   1.88 INCH (47.7mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA46881C FAIRCHILD-GMA46881C Datasheet
243Kb / 6P
   1.85 INCH (47.0mm) 8 X 8 DOT MATRIX STICK DISPLAY
GMA3688C FAIRCHILD-GMA3688C Datasheet
241Kb / 6P
   1.5 INCH (37.9mm) 8 X 8 DOT MATRIX STICK DISPLAY
logo
QT Optoelectronics
GMA26481C QT-GMA26481C Datasheet
181Kb / 5P
   2.3 INCH (58.4 mm) 4X8 DOT MATRIX STICK DISPLAY
logo
List of Unclassifed Man...
C-5880EG ETC-C-5880EG Datasheet
174Kb / 1P
   2.3 INCH, 8 X 8 DOT MATRIX DISPLAY (MULTI-COLOR)
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com