công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS12-SS110 bảng dữ liệu(PDF) 1 Page - Kingtronics International Company

tên linh kiện SS12-SS110
Giải thích chi tiết về linh kiện  1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KINGTRONICS [Kingtronics International Company]
Trang chủ  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SS12-SS110 bảng dữ liệu(HTML) 1 Page - Kingtronics International Company

  SS12-SS110 Datasheet HTML 1Page - Kingtronics International Company SS12-SS110 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
SS12 THRU SS110
1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Voltage Range 20 to 100 Volts Current 1.0Amperes
FEATURES
SMA
Dimensions in inches and (millimeters)
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering: 260℃ / 10 seconds at terminals
MECHANICAL DATA
Case:
molded plastic
Terminals: Solder plated
Polarity : Indicated by cathode band
Packaging: 12mm tape EIA STD RS-481
Weight: 0.074gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load current derate by 20%.
Type Number
SS12 SS13 SS14 SS15 SS16 SS19 SS110 UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
V
Maximum Average Forward Rectified Current
at TL(See Fig. 2)
IF(AV)
1.0
A
Peak Forward Surge Current,8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage (Note@1.0 A
VF
0.50
0.75
0.80
V
Maximum DC Reverse Crrent @ TA=25℃
At Rated DC Blocking Voltage @ TA=125℃
IR
0.4
10.0
0.4
5.0
0.1
2.0
mA
Typical Thermal Resistance (Note )
RQJL
RQJA
28
88
/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
Storage Temperature Ranage
TSTG
-65 to +150
NOTE: Measured on P.C. Board with 0.2” x 0.2” (5.0mm x 5.0mm) Copper Pad Areas


Số phần tương tự - SS12-SS110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
SS12-S100 FAIRCHILD-SS12-S100 Datasheet
48Kb / 3P
   Schottky Rectifiers
SS12-S500 FAIRCHILD-SS12-S500 Datasheet
48Kb / 3P
   Schottky Rectifiers
SS12-S700 FAIRCHILD-SS12-S700 Datasheet
48Kb / 3P
   Schottky Rectifiers
SS12-S800 FAIRCHILD-SS12-S800 Datasheet
48Kb / 3P
   Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SS12-SMA YFWDIODE-SS12-SMA Datasheet
293Kb / 2P
   Schottky rectifier
More results

Mô tả tương tự - SS12-SS110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hi-Sincerity Mocroelect...
HSMA5817 HSMC-HSMA5817 Datasheet
37Kb / 3P
   1.0AMP.SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
S1A LUGUANG-S1A Datasheet
176Kb / 2P
   1.0AMP.Surface Mount Rectifiers
FR1A LUGUANG-FR1A Datasheet
182Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
RS1A LUGUANG-RS1A Datasheet
178Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Microdiode Electronics ...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com