công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC122S101CIMMX bảng dữ liệu(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

tên linh kiện ADC122S101CIMMX
Giải thích chi tiết về linh kiện  2 Channel, 1 MSPS 12-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Trang chủ  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

ADC122S101CIMMX bảng dữ liệu(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  ADC122S101CIMMX Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS ADC122S101CIMMX Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Pin to GND
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +85˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
−0.3V to V
A
Clock Frequency
0.8 MHz to 16 MHz
Analog Input Voltage
0V to V
A
Package Thermal Resistance
Package
θ
JA
8-lead MSOP
250˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC122S101 Converter Electrical Characteristics (Note 9)
The following specifications apply for V
A = +2.7 V to 5.25 V, GND = 0V, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500 kSPS to 1
MSPS, C
L = 35 pF unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
INL
Integral Non-Linearity
+0.64
+1.6
LSB (max)
−0.64
−1.2
LSB (min)
DNL
Differential Non-Linearity
+0.9
+1.6
LSB (max)
−0.6
−1.0
LSB (min)
V
OFF
Offset Error
+0.44
±1.3
LSB (max)
OEM
Channel to Channel Offset Error
Match
±0.1
±1.0
LSB (max)
FSE
Full-Scale Error
−0.34
±1.5
LSB (max)
FSEM
Channel to Channel Full-Scale Error
Match
±0.1
±1.0
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7 to 5.25V,
f
IN = 40.3 kHz, −0.02 dBFS
72
69.2
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7 to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
72.4
70.6
dB (min)
THD
Total Harmonic Distortion
V
A = +2.7 to 5.25V,
f
IN = 40.3 kHz, −0.02 dBFS
−82
−75
dB (max)
SFDR
Spurious-Free Dynamic Range
V
A = +2.7 to 5.25V
f
IN = 40.3 kHz, −0.02 dBFS
83
76
dB (min)
ENOB
Effective Number of Bits
V
A = +2.7 to 5.25V
11.7
11.2
Bits (min)
Channel-to-Channel Crosstalk
V
A = +5.25V
f
IN = 40.3 kHz
−86
dB
IMD
Intermodulation Distortion, Second
Order Terms
V
A = +5.25V,
f
a = 40.161 kHz, fb = 41.015 kHz
−87
dB
Intermodulation Distortion, Third
Order Terms
V
A = +5.25V
f
a = 40.161 kHz, fb = 41.015 kHz
−88
dB
FPBW
-3 dB Full Power Bandwidth
V
A = +5V
11
MHz
V
A = +3V
8
MHz
www.national.com
3


Số phần tương tự - ADC122S101CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC122S101CIMMX/NOPB TI1-ADC122S101CIMMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
More results

Mô tả tương tự - ADC122S101CIMMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC122S101 NSC-ADC122S101 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
logo
Analog Devices
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
HI5808 INTERSIL-HI5808 Datasheet
115Kb / 12P
   12-Bit, 10 MSPS A/D Converter
logo
Analog Devices
AD9005B AD-AD9005B_15 Datasheet
170Kb / 8P
   12-Bit, 10 MSPS A/D Converter
REV. 0
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com