công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HLMP-1450-L0NA2 bảng dữ liệu(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HLMP-1450-L0NA2
Giải thích chi tiết về linh kiện  T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1450-L0NA2 bảng dữ liệu(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-1450-L0NA2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1450-L0NA2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
x Improved brightness
x Improved color performance
x Available in popular T-1 and T-13/4 packages
x New sturdy leads
x IC compatible/low current capability
x Reliable and rugged
x Choice of 3 bright colors
- High Efficiency Red
- High Brightness Yellow
- High Performance Green
Applications
x Lighted switches
x Backlighting front panels
x Light pipe sources
x Keyboard indicators
Description
These non-diffused lamps out-perform conventional
LED lamps. By utilizing new higher intensity material, we
achieve superior product performance.
The HLMP-3750/-3390/-1340 Series Lamps are Gallium
Arsenide Phosphide on Gallium Phosphide red light emit-
ting diodes. The HLMP-3850/-3490/-1440 Series are Gal-
lium Arsenide Phosphide on Gallium Phosphide yellow
light emitting diodes. The HLMP-3950/3590/3960/1540/
K640 Series Lamps are Gallium Phosphide green light
emitting diodes.
HLMP-3707, HLMP-3907, HLMP-3750, HLMP-3850,
HLMP-3950, HLMP-3960, HLMP-3390, HLMP-3490,
HLMP-3590, HLMP-1340, HLMP-1440, HLMP-1540,
HLMP-K640
T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
Data Sheet


Số phần tương tự - HLMP-1450-L0NA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HLMP-1450-1.00000 HP-HLMP-1450-1.00000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.00001 HP-HLMP-1450-1.00001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.00002 HP-HLMP-1450-1.00002 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.0O000 HP-HLMP-1450-1.0O000 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
HLMP-1450-1.0O001 HP-HLMP-1450-1.0O001 Datasheet
195Kb / 11P
   Low Profile T-1 (3 mm) LED Lamps
More results

Mô tả tương tự - HLMP-1450-L0NA2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com