công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5272BCPZ-100-RL7 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD5272BCPZ-100-RL7
Giải thích chi tiết về linh kiện  1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5272BCPZ-100-RL7 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD5272BCPZ-100-RL7 Datasheet HTML 6Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 7Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 8Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 9Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 10Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 11Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 12Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 13Page - Analog Devices AD5272BCPZ-100-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5272/AD5274
Data Sheet
Rev. D | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD 1
VSS
2
A
3
W
4
10
9
8
SCL
ADDR
7
5
EXT_CAP
SDA
6
GND
AD5272/
AD5274
TOP VIEW
(Not to Scale)
RESET
Figure 4. MSOP Pin Configuration
ADDR
VDD 1
VSS
2
A
3
W
4
RESET
10
9
8
SCL
7
5
EXT_CAP
SDA
6 GND
NOTES
1. THE EXPOSED PAD IS LEFT FLOATING
OR IS TIED TO VSS.
AD5272/
AD5274
(EXPOSED
PAD)
Figure 5. LFCSP Pin Configuration
Table 10. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply. Decouple this pin with 0.1 μF ceramic capacitors and 10 μF capacitors.
2
A
Terminal A of RDAC. VSS ≤ VA ≤ VDD.
3
W
Wiper terminal of RDAC. VSS ≤ VW ≤ VDD.
4
VSS
Negative Supply. Connect to 0 V for single-supply applications. Decouple this pin with 0.1 μF ceramic capacitors
and 10 μF capacitors.
5
EXT_CAP
External Capacitor. Connect a 1 μF capacitor between EXT_CAP and VSS. This capacitor must have a voltage
rating of ≥7 V.
6
GND
Ground Pin, Logic Ground Reference.
7
RESET
Hardware Reset Pin. Refreshes the RDAC register with the contents of the 50-TP memory register. Factory
default loads midscale until the first 50-TP wiper memory location is programmed. RESET is active low. Tie RESET
to VDD if not used.
8
SDA
Serial Data Line. This is used in conjunction with the SCL line to clock data into or out of the 16-bit input registers. It is
a bidirectional, open-drain data line that should be pulled to the supply with an external pull-up resistor.
9
SCL
Serial Clock Line. This is used in conjunction with the SDA line to clock data into or out of the 16-bit input registers.
10
ADDR
Tristate Address Input. Sets the two least significant bits (Bit A1, Bit A0) of the 7-bit slave address (see Table 11).
EPAD
Exposed Pad
(LFCSP Only)
Leave floating or tie to VSS.


Số phần tương tự - AD5272BCPZ-100-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
More results

Mô tả tương tự - AD5272BCPZ-100-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5291 AD-AD5291 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com