công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS4246IRGC25 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
ADS4246IRGC25 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 104 page ADS4222, ADS4225, ADS4226 ADS4242, ADS4245, ADS4246 SBAS533C – MARCH 2011 – REVISED JUNE 2011 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) SPECIFIED PACKAGE- PACKAGE TEMPERATURE LEAD/BALL PACKAGE ORDERING PRODUCT LEAD DESIGNATOR RANGE ECO PLAN (2) FINISH MARKING NUMBER TRANSPORT MEDIA ADS4246IRGCT Tape and reel GREEN (RoHS, no ADS4246 QFN-64 RGC –40°C to +85°C Cu/NiPdAu AZ4246 Sb/Br) ADS4246IRGCR Tape and reel ADS4245IRGCT Tape and reel GREEN (RoHS, no ADS4245 QFN-64 RGC –40°C to +85°C Cu/NiPdAu AZ4245 Sb/Br) ADS4245IRGCR Tape and reel ADS4242IRGCT Tape and reel GREEN (RoHS, no ADS4242 QFN-64 RGC –40°C to +85°C Cu/NiPdAu AZ4242 Sb/Br) ADS4242IRGCR Tape and reel ADS4226IRGCT Tape and reel GREEN (RoHS, no ADS4226 QFN-64 RGC –40°C to +85°C Cu/NiPdAu AZ4226 Sb/Br) ADS4226IRGCR Tape and reel ADS4225IRGCT Tape and reel GREEN (RoHS, no ADS4225 QFN-64 RGC –40°C to +85°C Cu/NiPdAu AZ4225 Sb/Br) ADS4225IRGCR Tape and reel ADS4222IRGCT Tape and reel GREEN (RoHS, no ADS4222 QFN-64 RGC –40°C to +85°C Cu/NiPdAu AZ4222 Sb/Br) ADS4222IRGCR Tape and reel (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the device product folder at www.ti.com. (2) Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more information. The ADS424x/422x are pin-compatible with the previous generation ADS62P49 family of data converters; this architecture enables easy migration. However, there are some important differences between the two device generations, summarized in Table 1. Table 1. Migrating from the ADS62P49 ADS62P49 FAMILY ADS424x/422x FAMILY PINS Pin 22 is NC (not connected) Pin 22 is AVDD Pins 38 and 58 are DRVDD Pins 38 and 58 are NC (do not connect, must be floated) Pins 39 and 59 are DRGND Pins 39 and 59 are NC (do not connect, must be floated) SUPPLY AVDD is 3.3V AVDD is 1.8V DRVDD is 1.8V No change INPUT COMMON-MODE VOLTAGE VCM is 1.5V VCM is 0.95V SERIAL INTERFACE No change in protocol Protocol: 8-bit register address and 8-bit register data New serial register map EXTERNAL REFERENCE Supported Not supported 2 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s): ADS4222 ADS4225 ADS4226 ADS4242 ADS4245 ADS4246 |
Số phần tương tự - ADS4246IRGC25 |
|
Mô tả tương tự - ADS4246IRGC25 |