công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33937AEK bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33937AEK
Giải thích chi tiết về linh kiện  Fully specified from 8.0 to 40 V covers 12 and 24 V automotive systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33937AEK bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33937AEK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33937AEK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33937A
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33937A Pin Connections
Table 1. 33937A Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Pin Function
Formal Name
Definition
1
PHASEA
Digital Output
Phase A
Totem Pole output of Phase A comparator. This output is low when the
voltage on PA_HS_S (Source of High Side FET) is less than 50% of VSUP
2
PGND
Ground
Power Ground
Power ground for charge pump
3
EN1
Digital Input
Enable 1
Logic signal input must be high (ANDed with EN2) to enable any gate drive
output.
4
EN2
Digital Input
Enable 2
Logic signal input must be high (ANDed with EN1) to enable any gate drive
output
5
RST
Digital Input
Reset
Reset input
6, 33, 49,
50, 52, 53
N/C
No Connect
Do not connect these pins
7
PUMP
Power Drive
Out
Pump
Charge pump output
8
VPUMP
Power Input
Voltage Pump
Charge pump supply
9
VSUP
Analog Input
Supply Voltage
Supply voltage to the load. This pin is to be connected to the common
Drains of the external High Side FETs
10
PHASEB
Digital Output
Phase B
Totem Pole output of Phase B comparator. This output is low when the
voltage on PB_HS_S (Source of High Side FET) is less than 50% of VSUP
11
PHASEC
Digital Output
Phase C
Totem Pole output of Phase C comparator. This output is low when the
voltage on PC_HS_S (Source of High Side FET) is less than 50% of VSUP
54
40
.35
34
33
32
31
30
29
28
39
38
37
36
47
46
45
44
43
42
41
51
50
49
48
53
52
1
15
20
21
22
23
24
25
26
27
16
17
18
19
8
9
10
11
12
13
14
4
5
6
7
2
3
PHASEA
PGND
EN1
EN2
RST
N/C
PUMP
VPUMP
VSUP
PHASEB
PHASEC
PA_HS
PA_LS
VDD
PB_HS
PB_LS
INT
CS
SI
SCLK
SO
PC_LS
PC_HS
AMP_OUT
AMP_N
AMP_P
OC_OUT
VPWR
N/C
N/C
VLS
N/C
N/C
PA_BOOT
PA_HS_G
PA_HS_S
PA_LS_G
PA_LS_S
PB_BOOT
PB_HS_G
PB_HS_S
PB_LS_G
PB_LS_S
PC_BOOT
PC_HS_G
PC_HS_S
PC_LS_G
PC_LS_S
N/C
VLS_CAP
GND1
GND0
VSS
OC_TH
Transparent
Top View


Số phần tương tự - MCZ33937AEK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33937AEK/R2 FREESCALE-MCZ33937AEK/R2 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
More results

Mô tả tương tự - MCZ33937AEK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
L9945 STMICROELECTRONICS-L9945 Datasheet
1Mb / 151P
   Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
December 2019 Rev 8
logo
XP Power Limited
CU20 XPPOWER-CU20 Datasheet
410Kb / 2P
   Single Outputs from 3.3 V to 24 V
logo
Texas Instruments
INA186-Q1 TI1-INA186-Q1 Datasheet
497Kb / 27P
[Old version datasheet]   Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
logo
NXP Semiconductors
PCA82C251 NXP-PCA82C251 Datasheet
151Kb / 16P
   CAN transceiver for 24 V systems
Rev. 04-28 January 2010
PCA82C251N NXP-PCA82C251N Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251TD-T NXP-PCA82C251TD-T Datasheet
119Kb / 17P
   CAN transceiver for 24 V systems
Rev. 04-25 August 2011
PCA82C251 PHILIPS-PCA82C251 Datasheet
95Kb / 20P
   CAN transceiver for 24 V systems
2000 Jan 13
logo
STMicroelectronics
VNF1048F STMICROELECTRONICS-VNF1048F Datasheet
2Mb / 52P
   High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
Rev 6 - May 2022
logo
XP Power Limited
VFT80US05 XPPOWER-VFT80US05 Datasheet
517Kb / 2P
   Low Cost, Single Outputs from 5 V to 24 V, Peak Load Capability
logo
Bel Fuse Inc.
SLT-300 BEL-SLT-300 Datasheet
760Kb / 2P
   Allows Installers to Derive a Fully Isolated 120 V Source from a 277 V Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com