công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FQPF7P06 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor |
|
FQPF7P06 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page May 2001 QFETTM ©2001 Fairchild Semiconductor Corporation Rev. A2. May 2001 FQPF7P06 60V P-Channel MOSFET General Description These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for low voltage applications such as automotive, DC/DC converters, and high efficiency switching for power management in portable and battery operated products. Features • -5.3A, -60V, RDS(on) = 0.41Ω @VGS = -10 V • Low gate charge ( typical 6.3 nC) • Low Crss ( typical 25 pF) • Fast switching • 100% avalanche tested • Improved dv/dt capability • 175 °C maximum junction temperature rating Absolute Maximum Ratings T C = 25°C unless otherwise noted Thermal Characteristics Symbol Parameter FQPF7P06 Units VDSS Drain-Source Voltage -60 V ID Drain Current - Continuous (TC = 25°C) -5.3 A - Continuous (TC = 100°C) -3.75 A IDM Drain Current - Pulsed (Note 1) -21.2 A VGSS Gate-Source Voltage ± 25 V EAS Single Pulsed Avalanche Energy (Note 2) 90 mJ IAR Avalanche Current (Note 1) -5.3 A EAR Repetitive Avalanche Energy (Note 1) 2.4 mJ dv/dt Peak Diode Recovery dv/dt (Note 3) -7.0 V/ns PD Power Dissipation (TC = 25°C) 24 W - Derate above 25°C 0.16 W/°C TJ, TSTG Operating and Storage Temperature Range -55 to +175 °C TL Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds 300 °C Symbol Parameter Typ Max Units RθJC Thermal Resistance, Junction-to-Case -- 6.2 °C/W RθJA Thermal Resistance, Junction-to-Ambient -- 62.5 °C/W TO-220F FQPF Series G S D ● ● ● ● ● ● ● ● ● ● ● ● ▲ ▲ ▲ ▲ ▶ ▶ ▶ ▶ ! ! ! ! ! ! ! ! ! ! ! ! ● ● ● ● ● ● ● ● ● ● ● ● ▲ ▲ ▲ ▲ ▶ ▶ ▶ ▶ ! ! ! ! ! ! ! ! ! ! ! ! S D G |
Số phần tương tự - FQPF7P06 |
|
Mô tả tương tự - FQPF7P06 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |