công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACTQ14SCX bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74ACTQ14SCX
Giải thích chi tiết về linh kiện  Guaranteed simultaneous switching noise level and dynamic threshold performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ14SCX bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ14SCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation outside of databook specifications.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
± 50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
± 50 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source
or Sink Current
± 300 mA
Junction Temperature (TJ)
PDIP
140
°C
Supply Voltage (VCC)
4.5V to 5.5
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
T A = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input Leakage Current
5.5
± 0.1
± 1.0
µAV
I = VCC, GND
Vh(max)
Maximum Hysteresis
4.5
1.4
1.4
VTA = Worst Case
5.5
1.6
1.6
Vh(min)
Minimum Hysteresis
4.5
0.4
0.4
VTA = Worst Case
5.5
0.5
0.5
Vt+
Maximum Positive
4.5
2.0
2.0
VTA = Worst Case
Threshold
5.5
2.0
2.0
Vt
Minimum Negative
4.5
0.8
0.8
VTA = Worst Case
Threshold
5.5
0.8
0.8
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
2.0
20.0
µAV
IN = VCC or GND
VOLP
Quiet Output Maximum
5.0
1.1
1.5
V
Figure 1, Figure 2
Dynamic VOL
(Note 4)(Note 5)
VOLV
Quiet Output Minimum
5.0
−0.6
−1.2
V
Figure 1, Figure 2
Dynamic VOL
(Note 4)(Note 5)


Số phần tương tự - 74ACTQ14SCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACTQ14SC FAIRCHILD-74ACTQ14SC Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
More results

Mô tả tương tự - 74ACTQ14SCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nais(Matsushita Electri...
ASX2001H NAIS-ASX2001H Datasheet
95Kb / 5P
   HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
logo
List of Unclassifed Man...
FZH211S ETC-FZH211S Datasheet
122Kb / 3P
   DRIVER AND LEVEL CONVERTER INCI. AUTOMATIC THRESHOLD CHANGEOVER
logo
Rochester Electronics
ICL7660SMTV ROCHESTER-ICL7660SMTV Datasheet
723Kb / 1P
   GUARANTEED PERFORMANCE for military temperature ranges
logo
Maxim Integrated Produc...
MAX5886EVKIT MAXIM-MAX5886EVKIT Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
logo
Lattice Semiconductor
ISPGDX2 LATTICE-ISPGDX2 Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
NXP Semiconductors
PCF1252-X PHILIPS-PCF1252-X Datasheet
107Kb / 16P
   Threshold detector and reset generator
1998 Apr 16
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com