công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQPF5N20L bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FQPF5N20L
Giải thích chi tiết về linh kiện  200V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF5N20L bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FQPF5N20L Datasheet HTML 1Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 2Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 3Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 4Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 5Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 6Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 7Page - Fairchild Semiconductor FQPF5N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A2, December 2000
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 7.35mH, IAS = 3.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 4.5A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
200
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.18
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 200 V, VGS = 0 V
--
--
1
µA
VDS = 160 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID =1.75 A
VGS = 5 V, ID = 1.75 A
--
0.94
0.98
1.2
1.25
gFS
Forward Transconductance
VDS = 30 V, ID = 1.75 A
--
3.25
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
250
325
pF
Coss
Output Capacitance
--
40
50
pF
Crss
Reverse Transfer Capacitance
--
6
8
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 100 V, ID = 4.5 A,
RG = 25 Ω
--
9
25
ns
tr
Turn-On Rise Time
--
90
190
ns
td(off)
Turn-Off Delay Time
--
15
40
ns
tf
Turn-Off Fall Time
--
50
110
ns
Qg
Total Gate Charge
VDS = 160 V, ID = 4.5 A,
VGS = 5 V
--
4.8
6.2
nC
Qgs
Gate-Source Charge
--
1.2
--
nC
Qgd
Gate-Drain Charge
--
2.4
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
3.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
14
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 3.5 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/µs
--
95
--
ns
Qrr
Reverse Recovery Charge
--
0.3
--
µC


Số phần tương tự - FQPF5N20L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQPF5N20 FAIRCHILD-FQPF5N20 Datasheet
715Kb / 8P
   200V N-Channel MOSFET
More results

Mô tả tương tự - FQPF5N20L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com