công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQPF17P06 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FQPF17P06
Giải thích chi tiết về linh kiện  60V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF17P06 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FQPF17P06 Datasheet HTML 1Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 2Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 3Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 4Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 5Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 6Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 7Page - Fairchild Semiconductor FQPF17P06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A2. May 2001
©2001 Fairchild Semiconductor Corporation
Elerical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 2.4mH, IAS = -12A, VDD = -25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -17A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-60
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.06
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -60 V, VGS = 0 V
--
--
-1
µA
VDS = -48 V, TC = 150°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -25 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 25 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-2.0
--
-4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -6.0 A
--
0.094
0.12
gFS
Forward Transconductance
VDS = -30 V, ID = -6.0 A
--
8.7
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
690
900
pF
Coss
Output Capacitance
--
325
420
pF
Crss
Reverse Transfer Capacitance
--
80
105
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -30 V, ID = -8.5 A,
RG = 25 Ω
--
13
35
ns
tr
Turn-On Rise Time
--
100
210
ns
td(off)
Turn-Off Delay Time
--
22
55
ns
tf
Turn-Off Fall Time
--
60
130
ns
Qg
Total Gate Charge
VDS = -48 V, ID = -17 A,
VGS = -10 V
--
21
27
nC
Qgs
Gate-Source Charge
--
4.2
--
nC
Qgd
Gate-Drain Charge
--
10
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-12
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-48
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -12 A
--
--
-4.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -17 A,
dIF / dt = 100 A/µs
--
92
--
ns
Qrr
Reverse Recovery Charge
--
0.32
--
µC
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)


Số phần tương tự - FQPF17P06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQPF17P10 FAIRCHILD-FQPF17P10 Datasheet
665Kb / 8P
   100V P-Channel MOSFET
More results

Mô tả tương tự - FQPF17P06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com