công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU34TD3WG-XTR bảng dữ liệu(PDF) 11 Page - Rohm

tên linh kiện BU34TD3WG-XTR
Giải thích chi tiết về linh kiện  High accuracy detection, low current consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU34TD3WG-XTR bảng dữ liệu(HTML) 11 Page - Rohm

Back Button BU34TD3WG-XTR Datasheet HTML 4Page - Rohm BU34TD3WG-XTR Datasheet HTML 5Page - Rohm BU34TD3WG-XTR Datasheet HTML 6Page - Rohm BU34TD3WG-XTR Datasheet HTML 7Page - Rohm BU34TD3WG-XTR Datasheet HTML 8Page - Rohm BU34TD3WG-XTR Datasheet HTML 9Page - Rohm BU34TD3WG-XTR Datasheet HTML 10Page - Rohm BU34TD3WG-XTR Datasheet HTML 11Page - Rohm BU34TD3WG-XTR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Datasheet
Datasheet
Notice - Rev.004
© 2013 ROHM Co., Ltd. All rights reserved.
●Precaution for Mounting / Circuit board design
1)
When a highly active halogenous (chlorine, bromine, etc.) flux is used, the residue of flux may negatively affect product
performance and reliability.
2)
In principle, the reflow soldering method must be used; if flow soldering method is preferred, please consult with the
ROHM representative in advance.
For details, please refer to ROHM Mounting specification
●Precautions Regarding Application Examples and External Circuits
1)
If change is made to the constant of an external circuit, please allow a sufficient margin considering variations of the
characteristics of the Products and external components, including transient characteristics, as well as static
characteristics.
2)
You agree that application notes, reference designs, and associated data and information contained in this document
are presented only as guidance for Products use.
Therefore, in case you use such information, you are solely
responsible for it and you must exercise your own independent verification and judgment in the use of such information
contained in this document.
ROHM shall not be in any way responsible or liable for any damages, expenses or losses
incurred by you or third parties arising from the use of such information.
●Precaution for Electrostatic
This Product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. Please take proper
caution in your manufacturing process and storage so that voltage exceeding the Products maximum rating will not be
applied to Products. Please take special care under dry condition (e.g. Grounding of human body / equipment / solder iron,
isolation from charged objects, setting of Ionizer, friction prevention and temperature / humidity control).
●Precaution for Storage / Transportation
1)
Product performance and soldered connections may deteriorate if the Products are stored in the places where:
[a] the Products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2, and NO2
[b] the temperature or humidity exceeds those recommended by ROHM
[c]
the Products are exposed to direct sunshine or condensation
[d] the Products are exposed to high Electrostatic
2)
Even under ROHM recommended storage condition, solderability of products out of recommended storage time period
may be degraded. It is strongly recommended to confirm solderability before using Products of which storage time is
exceeding the recommended storage time period.
3)
Store / transport cartons in the correct direction, which is indicated on a carton with a symbol. Otherwise bent leads
may occur due to excessive stress applied when dropping of a carton.
4)
Use Products within the specified time after opening a humidity barrier bag. Baking is required before using Products of
which storage time is exceeding the recommended storage time period.
●Precaution for Product Label
QR code printed on ROHM Products label is for ROHM’s internal use only.
●Precaution for Disposition
When disposing Products please dispose them properly using an authorized industry waste company.
●Precaution for Foreign Exchange and Foreign Trade act
Since our Products might fall under controlled goods prescribed by the applicable foreign exchange and foreign trade act,
please consult with ROHM representative in case of export.
●Precaution Regarding Intellectual Property Rights
1)
All information and data including but not limited to application example contained in this document is for reference
only. ROHM does not warrant that foregoing information or data will not infringe any intellectual property rights or any
other rights of any third party regarding such information or data. ROHM shall not be in any way responsible or liable
for infringement of any intellectual property rights or other damages arising from use of such information or data.:
2)
No license, expressly or implied, is granted hereby under any intellectual property rights or other rights of ROHM or any
third parties with respect to the information contained in this document.


Số phần tương tự - BU34TD3WG-XTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU34TD3WG-XTR ROHM-BU34TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Mô tả tương tự - BU34TD3WG-XTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Seiko Instruments Inc
S1009 SII-S1009 Datasheet
661Kb / 43P
   SUPER-LOW CURRENT CONSUMPTION SUPER HIGH-ACCURACY VOLTAGE
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
logo
Leshan Radio Company
LR6230 LRC-LR6230_15 Datasheet
617Kb / 10P
   Low Consumption Current High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com