công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR18EZPJ110 bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện MCR18EZPJ110
Giải thích chi tiết về linh kiện  Full line up from ultra small size (01005) to 2512 with jumper type.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MCR18EZPJ110 bảng dữ liệu(HTML) 1 Page - Rohm

  MCR18EZPJ110 Datasheet HTML 1Page - Rohm MCR18EZPJ110 Datasheet HTML 2Page - Rohm MCR18EZPJ110 Datasheet HTML 3Page - Rohm MCR18EZPJ110 Datasheet HTML 4Page - Rohm MCR18EZPJ110 Datasheet HTML 5Page - Rohm MCR18EZPJ110 Datasheet HTML 6Page - Rohm MCR18EZPJ110 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.D
Thick Film Chip Resistors
MCR Series < Automotive >
Features
1) Full line up from ultra small size (01005) to 2512 with jumper type.
2) High reliability metal glazed thick film.
3) ROHM resistors have obtained ISO9001/ISO/TS16949 certification.
4) "Automotive" product is AEC-Q200 compliant.
∗Please contact us for status of AEC-Q200 on "General purpose" products.
Part No.
Packing
Specification
Quantity / Reel
(mm)
Type Code
Size
GENERAL PURPOSE
Paper tape
(2mm pitch)
Paper tape
(2mm pitch)
Paper tape
(4mm pitch)
Embossed tape
(1mm pitch)
Embossed tape
(4mm pitch)
0402
0603
1005
1608
2012
3216
3225
5025
6432
01005
0201
0402
0603
0805
1206
YRT
RZP
YZP
15,000
40,000
15,000
10,000
Bulk case
50,000
5,000
Paper tape
(4mm pitch)
5,000
4,000
MRT
ERT
ERT
ERT
YZP
MZP
PZPI
(*For further information on datasheet,
please refer to AUTOMOTIVE datasheet.)
MZP : Paper tape
(2mm pitch)
PZPI : Bulk case
MZP : 10,000
PZPI : 25,000
MZP / PZPI
(*For further information on datasheet,
please refer to AUTOMOTIVE datasheet.)
EZP
EZP
EZP
1210
JZH
JZH
JZH
2010
2512
MCR004
MCR006
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
(inch)
AUTOMOTIVE
∗Corresponds to
AEC
−Q200
Part Number Description
06
MCR
(Micro chip resistors)
0
YT
R
C
MR
Part No.
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Ex.)
1
Ω = 1R0 ( ±5% )
9.1
Ω = 9R1 ( ±5% )
10
Ω = 10R0 ( ±0.5%,±1% )
100
(
±5% )
2.2M
Ω = 2204 ( ±1% )
225
(
±5% )
D,F
J
:
:
4 digits
3 digits
Resistance
tolerance
Resistance
code
004 (0402 [01005])
006 (0603 [0201])
01 (1005 [0402])
03 (1608 [0603])
10 (2012 [0805])
18 (3216 [1206])
25 (3225 [1210])
50 (5025 [2010])
100 (6432 [2512])
D (
±0.5% )
F (
±1% )
FX (
±1% ) ∗Only MCR03EZP/MZP/PZPI
J (
±5% ) (Including jumper type)
Size (mm [inch])
Resistance Tolerance
Nominal Resistance
J0
1
0
Type Code


Số phần tương tự - MCR18EZPJ110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
MCR18EZPJ100 ROHM-MCR18EZPJ100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
MCR18EZPJ100 ROHM-MCR18EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPJ100 ROHM-MCR18EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPJ100 ROHM-MCR18EZPJ100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPJ100 ROHM-MCR18EZPJ100 Datasheet
149Kb / 7P
   Thick Film Chip Resistors
More results

Mô tả tương tự - MCR18EZPJ110

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AVX Corporation
C005YXXXXXBSTR AVX-C005YXXXXXBSTR Datasheet
128Kb / 2P
   Ultra-Miniature 01005 Size Accu-P짰
C005 AVX-C005 Datasheet
128Kb / 2P
   Ultra-Miniature 01005 Size Accu-P
logo
TECH PUBLIC Electronics...
ESD5V0B5-01005 TECHPUBLIC-ESD5V0B5-01005 Datasheet
869Kb / 6P
   01005 Size 1-Line ESD Protection
logo
MERITEK ELECTRONICS COR...
CST MERITEK-CST Datasheet
377Kb / 6P
   High power rating up to 3 Watts in 2512 size
logo
Semtech Corporation
UCLAMP0541Z2A SEMTECH-UCLAMP0541Z2A Datasheet
570Kb / 7P
   01005 Size 關Clamp짰 1-Line ESD Protection
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
logo
Texas Instruments
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
logo
Panasonic Semiconductor
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
   Ultra small size, light weight.
logo
Murata Manufacturing Co...
NFM18P MURATA-NFM18P Datasheet
77Kb / 4P
   Ultra small size in 1.6x0.8mm
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com