công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD10KA5WF-E2 bảng dữ liệu(PDF) 1 Page - Rohm |
|
BD10KA5WF-E2 bảng dữ liệu(HTML) 1 Page - Rohm |
1 / 18 page Datasheet ○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays. 1/15 TSZ02201-0R6R0A600150-1-2 © 2012 ROHM Co., Ltd. All rights reserved. www.rohm.com TSZ22111・14・001 26.Jun.2012 Rev.001 500mA Variable/Fixed Output LDO Regulators BDxxKA5 Series BDxxKA5W Series BD00KA5W Series ●General Description The BDxxKA5 series are low-saturation regulators that are available for output currents up to 500mA. The output voltage precision is ±1%. These LDO regulators are offered in several output voltages and package lineups with or without ON/OFF switches (that set the circuit current to 0 μA at shutdown). This series can be used for a broad spectrum of applications ranging from TVs and car audio systems to HDDs, PCs, and DVDs. There regulators have a built-in overcurrent protection circuit that prevents the destruction of the IC, due to output short circuits and a thermal shutdown circuit. ●Features Output voltage precision: ±1% Low-saturation voltage with PMOS output: 0.12V Typ.(Io=200mA) Built-in over-current protection circuit Built-in thermal shutdown circuit Shutdown switch (BDxxKA5WFP and BDxxKA5WF series) Ceramic capacitor compatible (recommended capacitance: 1 μF or greater) ●Key Specifications Input Power Supply Voltage: 5.5V (Max.) Output voltage type: BA00KA5 Variable BAxxKA5 Fixed Output current: 500mA (Max.) Operating temperature range: -40℃ to +105℃ ●Applications Microcontrollers and all electronic devices that use logic circuit ●Packages W (Typ.) x D (Typ.) x H (Max.) SOP8 5.00mm x 6.20mm x 1.71mm TO252-3 6.50mm x 9.50mm x 2.50mm TO252-5 6.50mm x 9.50mm x 2.50mm ●Lineup matrix Part Number Output Voltage (V) Package 1.0 1.2 1.5 1.8 2.5 3.0 3.3 Variable BDxxKA5WFP ○ ○ ○ ○ ○ ○ ○ ○ TO252-5 BDxxKA5WF ○ ○ ○ ○ ○ ○ ○ ○ SOP8 BDxxKA5FP ○ ○ ○ ○ ○ ○ ○ - TO252-3 ●Ordering Information B D x x K A 5 W x x - E 2 Part Number Output voltage 00:Variable Other: Fixed Current capacity KA5: 500mA Shutdown Switch W: Include None:without Package FP : TO252-3 TO252-5 F : SOP8 Packaging and forming specification E2: Embossed tape and reel TO252-3 TO252-5 SOP8 |
Số phần tương tự - BD10KA5WF-E2 |
|
Mô tả tương tự - BD10KA5WF-E2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |