công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W02M bảng dữ liệu(PDF) 1 Page - Micro Commercial Components |
|
W02M bảng dữ liệu(HTML) 1 Page - Micro Commercial Components |
1 / 3 page W005M THRU W10M 1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Features • Low Profile Package • Any Mounting Position • Silver Plated Copper Leads • Surge Overload Rating Of 50 Amps Maximum Ratings • Operating Temperature: -55 °C to +125°C • Storage Temperature: -55 °C to +150°C MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage W005M W005M 50V 35V 50V W01M W01M 100V 70V 100V W02M W02M 200V 140V 200V W04M W04M 400V 280V 400V W06M W06M 600V 420V 600V W08M W08M 800V 560V 800V W10M W10M 1000V 700V 1000v Electrical Characteristics @ 25°C Unless Otherwise Specified Average Forward Current IF(AV) 1.5A TJ = 25 °C Peak Forward Surge Current IFSM 50A 8.3ms, half sine Maximum Forward Voltage Drop Per Element VF 1.0V IFM = 1.5A; TJ = 25 °C* Maximum DC Reverse Current At Rated DC Blocking Voltage IR 10 µA 1mA TJ = 25 °C TJ = 100 °C *Pulse test: Pulse width 300 µsec, Duty cycle 1% E E AC AC + - A B C D DIMENSIONS INCHES MM DIM MIN MAX MIN MAX NOTE A ---- .358 ------ 9.10 B ---- .225 ------ 5.70 C 1.000 --- 25.40 --- D 1.098 --- 27.90 --- E .180 .220 4.60 5.60 WOM F F .028 .032 0.71 0.81 omponents 20736 Marilla Street Chatsworth !"# $% !"# MCC Revision: A 2011/06/01 • UL Recognized File # E165989 TM Micro Commercial Components Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix • Case Material:Molded Plastic. UL Flammability • Classificatio Rating 94-0 and MSL Rating 1 designates RoHS Compliant. See ordering information) www.mccsemi.com 1 of 3 |
Số phần tương tự - W02M |
|
Mô tả tương tự - W02M |