công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937IMPX-8.0 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2937IMPX-8.0
Giải thích chi tiết về linh kiện  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937IMPX-8.0 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM2937IMPX-8.0 Datasheet HTML 6Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 7Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 8Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 9Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 10Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 11Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 12Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 13Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM2937
SNVS100E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
If two capacitors are paralleled, the effective ESR is the parallel of the two individual values. The “flatter” ESR of
the Tantalum will keep the effective ESR from rising as quickly at low temperatures.
HEATSINKING
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible operating conditions, the junction temperature must be within the range
specified under Absolute Maximum Ratings.
To determine if a heatsink is required, the power dissipated by the regulator, PD, must be calculated.
The figure below shows the voltages and currents which are present in the circuit, as well as the formula for
calculating the power dissipated in the regulator:
IIN = IL + IG
PD = (VIN − VOUT) IL + (VIN) IG
Figure 25. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR (max). This is
calculated by using the formula:
TR (max) = TJ(max) − TA (max)
where
TJ (max) is the maximum allowable junction temperature, which is 125°C for commercial grade parts
TA (max) is the maximum ambient temperature which will be encountered in the application
(1)
Using the calculated values for TR(max) and PD, the maximum allowable value for the junction-to-ambient
thermal resistance,
θ(J−A), can now be found:
θ(J−A) = TR (max)/PD
(2)
IMPORTANT: If the maximum allowable value for
θ(J−A) is found to be ≥ 53°C/W for the TO-220 package, ≥
80°C/W for the DDPAK/TO-263 package, or
≥174°C/W for the SOT-223 package, no heatsink is needed since
the package alone will dissipate enough heat to satisfy these requirements.
If the calculated value for
θ(J−A) falls below these limits, a heatsink is required.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2937


Số phần tương tự - LM2937IMPX-8.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2937IMPX-8.0 NSC-LM2937IMPX-8.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937IMPX-8.0 TI-LM2937IMPX-8.0 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937IMPX-8.0/NOPB TI-LM2937IMPX-8.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937IMPX-8.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com