công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937IMPX-8.0 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2937IMPX-8.0
Giải thích chi tiết về linh kiện  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937IMPX-8.0 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM2937IMPX-8.0 Datasheet HTML 5Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 6Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 7Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 8Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 9Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 10Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 11Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 12Page - Texas Instruments LM2937IMPX-8.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM2937
www.ti.com
SNVS100E – MARCH 2000 – REVISED APRIL 2013
Typical Application
* Required if the regulator is located more than 3 inches from the power supply filter capacitors.
** Required for stability. Cout must be at least 10 μF (over the full expected operating temperature range) and located
as close as possible to the regulator. The equivalent series resistance, ESR, of this capacitor may be as high as 3
Ω.
APPLICATION HINTS
EXTERNAL CAPACITORS
The output capacitor is critical to maintaining regulator stability, and must meet the required conditions for both
ESR (Equivalent Series Resistance) and minimum amount of capacitance.
MINIMUM CAPACITANCE:
The minimum output capacitance required to maintain stability is 10
μF (this value may be increased without
limit). Larger values of output capacitance will give improved transient response.
ESR LIMITS:
The ESR of the output capacitor will cause loop instability if it is too high or too low. The acceptable range of
ESR plotted versus load current is shown in the graph below. It is essential that the output capacitor meet
these requirements, or oscillations can result.
Output Capacitor ESR
Figure 24. ESR Limits
It is important to note that for most capacitors, ESR is specified only at room temperature. However, the designer
must ensure that the ESR will stay inside the limits shown over the entire operating temperature range for the
design.
For aluminum electrolytic capacitors, ESR will increase by about 30X as the temperature is reduced from 25°C to
−40°C. This type of capacitor is not well-suited for low temperature operation.
Solid tantalum capacitors have a more stable ESR over temperature, but are more expensive than aluminum
electrolytics. A cost-effective approach sometimes used is to parallel an aluminum electrolytic with a solid
Tantalum, with the total capacitance split about 75/25% with the Aluminum being the larger value.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2937


Số phần tương tự - LM2937IMPX-8.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2937IMPX-8.0 NSC-LM2937IMPX-8.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937IMPX-8.0 TI-LM2937IMPX-8.0 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
LM2937IMPX-8.0/NOPB TI-LM2937IMPX-8.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937IMPX-8.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com