công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937ET-10 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện LM2937ET-10
Giải thích chi tiết về linh kiện  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ET-10 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM2937ET-10 Datasheet HTML 1Page - Texas Instruments LM2937ET-10 Datasheet HTML 2Page - Texas Instruments LM2937ET-10 Datasheet HTML 3Page - Texas Instruments LM2937ET-10 Datasheet HTML 4Page - Texas Instruments LM2937ET-10 Datasheet HTML 5Page - Texas Instruments LM2937ET-10 Datasheet HTML 6Page - Texas Instruments LM2937ET-10 Datasheet HTML 7Page - Texas Instruments LM2937ET-10 Datasheet HTML 8Page - Texas Instruments LM2937ET-10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM2937
SNVS100E – MARCH 2000 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Continuous
26V
Input Voltage
Transient (t
≤ 100 ms)
60V
Internal Power Dissipation(3)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
TO-220 (10 seconds)
260°C
DDPAK/TO-263 (10 seconds)
230°C
SOT-223 (Vapor Phase, 60 seconds)
215°C
SOT-223 (Infared, 15 seconds)
220°C
ESD Susceptibility(4)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its rated Operating Conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125 − TA)/θJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the LM2937 will go into thermal shutdown. For the LM2937, the junction-to-ambient thermal resistance
θJA is 65°C/W, for the
TO-220 package, 73°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. When used with a heatsink,
θJA is
the sum of the LM2937 junction-to-case thermal resistance
θJC of 3°C/W and the heatsink case-to-ambient thermal resistance. If the
DDPAK/TO-263 or SOT-223 packages are used, the thermal resistance can be reduced by increasing the P.C. board copper area
thermally connected to the package (see Application Hints for more information on heatsinking).
(4)
ESD rating is based on the human body model, 100 pF discharged through 1.5 k
Ω.
Operating Conditions
(1)
LM2937ET, LM2937ES
−40°C ≤ TJ ≤125°C
Temperature Range(2)
LM2937IMP
−40°C ≤ TJ ≤85°C
Maximum Input Voltage
26V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its rated Operating Conditions.
(2)
The maximum allowable power dissipation at any ambient temperature is PMAX = (125 − TA)/θJA, where 125 is the maximum junction
temperature for operation, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. If this dissipation is
exceeded, the die temperature will rise above 125°C and the electrical specifications do not apply. If the die temperature rises above
150°C, the LM2937 will go into thermal shutdown. For the LM2937, the junction-to-ambient thermal resistance
θJA is 65°C/W, for the
TO-220 package, 73°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. When used with a heatsink,
θJA is
the sum of the LM2937 junction-to-case thermal resistance
θJC of 3°C/W and the heatsink case-to-ambient thermal resistance. If the
DDPAK/TO-263 or SOT-223 packages are used, the thermal resistance can be reduced by increasing the P.C. board copper area
thermally connected to the package (see Application Hints for more information on heatsinking).
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2937


Số phần tương tự - LM2937ET-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2937ET-10 NSC-LM2937ET-10 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ET-10/NOPB TI-LM2937ET-10/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937ET-10

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com