công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2937ES-8.0 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM2937ES-8.0
Giải thích chi tiết về linh kiện  LM2937 500 mA Low Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937ES-8.0 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM2937ES-8.0 Datasheet HTML 7Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 8Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 9Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 10Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 11Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 12Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 13Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 14Page - Texas Instruments LM2937ES-8.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM2937
www.ti.com
SNVS100E – MARCH 2000 – REVISED APRIL 2013
HEATSINKING TO-220 PACKAGE PARTS
The TO-220 can be attached to a typical heatsink, or secured to a copper plane on a PC board. If a copper plane
is to be used, the values of
θ(J−A) will be the same as shown in the next section for the DDPAK/TO-263.
If a manufactured heatsink is to be selected, the value of heatsink-to-ambient thermal resistance,
θ(H−A), must
first be calculated:
θ(H−A) = θ(J−A) − θ(C−H) − θ(J−C)
where
θ(J−C) is defined as the thermal resistance from the junction to the surface of the case. A value of 3°C/W can be
assumed for
θ(J−C) for this calculation
θ(C−H) is defined as the thermal resistance between the case and the surface of the heatsink. The value of
θ(C−H) will vary from about 1.5°C/W to about 2.5°C/W (depending on method of attachment, insulator, etc.). If
the exact value is unknown, 2°C/W should be assumed for
θ(C−H)
(3)
When a value for
θ(H−A) is found using the equation shown, a heatsink must be selected that has a value that is
less than or equal to this number.
θ(H−A) is specified numerically by the heatsink manufacturer in the catalog, or shown in a curve that plots
temperature rise vs power dissipation for the heatsink.
HEATSINKING DDPAK/TO-263 AND SOT-223 PACKAGE PARTS
Both the DDPAK/TO-263 (“S”) and SOT-223 (“MP”) packages use a copper plane on the PCB and the PCB itself
as a heatsink. To optimize the heat sinking ability of the plane and PCB, solder the tab of the package to the
plane.
Figure 26 shows for the DDPAK/TO-263 the measured values of
θ(J−A) for different copper area sizes using a
typical PCB with 1 ounce copper and no solder mask over the copper area used for heatsinking.
Figure 26.
θ(J−A) vs. Copper (1 ounce) Area for the DDPAK/TO-263 Package
As shown in the figure, increasing the copper area beyond 1 square inch produces very little improvement. It
should also be observed that the minimum value of
θ(J−A) for the DDPAK/TO-263 package mounted to a PCB is
32°C/W.
As a design aid, Figure 27 shows the maximum allowable power dissipation compared to ambient temperature
for the DDPAK/TO-263 device (assuming
θ(J−A) is 35°C/W and the maximum junction temperature is 125°C).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2937


Số phần tương tự - LM2937ES-8.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2937ES-8.0 NSC-LM2937ES-8.0 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937ES-8.0/NOPB TI-LM2937ES-8.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
More results

Mô tả tương tự - LM2937ES-8.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MIC5237 MICROCHIP-MIC5237 Datasheet
1Mb / 18P
   500 mA Low Dropout Regulator
09/14/21
logo
National Semiconductor ...
LM2937 NSC-LM2937 Datasheet
308Kb / 11P
   500 mA Low Dropout Regulator
logo
Texas Instruments
LM2937 TI-LM2937_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low Dropout Regulator
logo
Toshiba Semiconductor
TA58M05S TOSHIBA-TA58M05S Datasheet
216Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TA58M05F TOSHIBA-TA58M05F Datasheet
220Kb / 12P
   500 mA Low Dropout Voltage Regulator
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com